Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N137-X009T Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza 6N137-X009T
Descripción Electrónicos  High Speed Optocoupler, Single and Dual, 10 MBd
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137-X009T Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 6N137-X009T Datasheet HTML 2Page - Vishay Siliconix 6N137-X009T Datasheet HTML 3Page - Vishay Siliconix 6N137-X009T Datasheet HTML 4Page - Vishay Siliconix 6N137-X009T Datasheet HTML 5Page - Vishay Siliconix 6N137-X009T Datasheet HTML 6Page - Vishay Siliconix 6N137-X009T Datasheet HTML 7Page - Vishay Siliconix 6N137-X009T Datasheet HTML 8Page - Vishay Siliconix 6N137-X009T Datasheet HTML 9Page - Vishay Siliconix 6N137-X009T Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 27-Sep-16
6
Document Number: 84732
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) For 6N137 and VO2630
(2) For VO2601 and VO2631
(3) For VO2611 and VO4661
Fig. 8 - Single Channel Test Circuit for Common Mode Transient Immunity
Fig. 9 - Dual Channel Test Circuit for Common Mode Transient Immunity
COMMON MODE TRANSIENT IMMUNITY (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient immunity
|VCM| = 10 V, VCC = 5 V, IF = 0 mA,
VO(min.) = 2 V, RL = 350
Ω, Tamb = 25 °C (1)
|CMH|1000
V/μs
|VCM| = 50 V, VCC = 5 V, IF = 0 mA,
VO(min.) = 2 V, RL = 350
Ω, Tamb = 25 °C (2)
|CMH|
5000
10 000
V/μs
|VCM| = 1 kV, VCC = 5 V, IF = 0 mA,
VO(min.) = 2 V, RL = 350
Ω, Tamb = 25 °C (3)
|CMH|
15 000
25 000
V/μs
|VCM| = 10 V, VCC = 5 V, IF = 7.5 mA,
VO(max.) = 0.8 V, RL = 350
Ω, Tamb = 25 °C (1)
|CML|1000
V/μs
|VCM| = 50 V, VCC = 5 V, IF = 7.5 mA,
VO(max.) = 0.8 V, RL = 350
Ω, Tamb = 25 °C (2)
|CML|
5000
10 000
V/μs
|VCM| = 1 kV, VCC = 5 V, IF = 7.5 mA,
VO(max.) = 0.8 V, RL = 350
Ω, Tamb = 25 °C (3)
|CML|
15 000
25 000
V/μs
V
CM (peak)
Switch AT A: IF
Switch AT A:
V
O
(min.
V
O
(max.)
0 V
5 V
V
CM
V
O
VO 0.5 V
CM
H
CML
1
2
3
4
8
7
6
5
18976-2
GND
0.1 µF
bypass
V
CC
VOUT
VCC
R
L
Output VO
monitoring
node
+
-
V
CM
Single channel
B
A
V
FF
I
F
Pulse generator
Z = 50
Ω
O
VE
)
= 0 mA
IF = 7.5 mA
1
2
3
4
8
7
6
5
18977-1
GND
0.1 µF
bypass
V
CC
R
L Output VO
monitoring
node
+
-
V
CM
B
A
V
FF
I
F
Pulse generator
Z
= 50
Ω
O
Dual channel
VCC


Número de pieza similar - 6N137-X009T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N137-X009T VISHAY-6N137-X009T Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
More results

Descripción similar - 6N137-X009T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 1.6, 25-Sep-12
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
01-Jan-2022
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com