Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1135B11-A6T1U Datasheet(PDF) 29 Page - Seiko Instruments Inc

No. de pieza S-1135B11-A6T1U
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1135B11-A6T1U Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S-1135B11-A6T1U Datasheet HTML 25Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 26Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 27Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 28Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 29Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 30Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 31Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 32Page - Seiko Instruments Inc S-1135B11-A6T1U Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_01
S-1135 Series
29
Reference Data
1. Transient Response Characteristics when Input (Ta = 25°C)
VOUT = 1.0 V
IOUT = 100 mA, tr = tf = 5.0
μs, CL = 1.0 μF
VOUT = 2.5 V
IOUT = 100 mA, tr = tf = 5.0
μs, CL = 1.0 μF
1.30
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
t [
μs]
4.0
3.0
2.5
2.0
0
0.5
1.0
1.5
3.5
−50
200
300
0 50 100 150
250
350
−100
VOUT
VIN
2.80
2.75
2.70
2.65
2.60
2.55
2.50
2.45
2.40
t [
μs]
5.0
4.0
3.5
3.0
1.0
1.5
2.0
2.5
4.5
−50
200
300
0 50 100 150
250
350
−100
VOUT
VIN
VOUT = 3.5 V
IOUT = 100 mA, tr = tf = 5.0
μs, CL = 1.0 μF
3.80
3.75
3.70
3.65
3.60
3.55
3.50
3.45
3.40
t [
μs]
6.0
5.0
4.5
4.0
2.0
2.5
3.0
3.5
5.5
−50
200
300
0 50 100 150
250
350
−100
VOUT
VIN
2. Transient Response Characteristics of Load (Ta = 25°C)
VOUT = 1.0 V
VIN = 2.0 V, CL = 1.0
μF, CIN = 1.0 μF, IOUT = 50 mA ↔ 100 mA
VOUT = 2.5 V
VIN = 3.5 V, CL = 1.0
μF, CIN = 1.0 μF, IOUT = 50 mA ↔ 100 mA
1.20
1.15
1.05
1.00
0.95
0.90
t [
μs]
100
150
0
−150
−50
−50
200
300
0 50 100 150
250
350
−100
50
−100
1.10
VOUT
IOUT
2.70
2.65
2.55
2.50
2.45
2.40
t [
μs]
100
150
0
−150
−50
−50
200
300
0 50 100 150
250
350
−100
50
−100
2.60
VOUT
IOUT
VOUT = 3.5 V
VIN = 4.5 V, CL = 1.0
μF, CIN = 1.0 μF, IOUT = 50 mA ↔ 100 mA
3.70
3.65
3.55
3.50
3.45
3.40
t [
μs]
100
150
0
−150
−50
−50
200
300
0 50 100 150
250
350
−100
50
−100
3.60
VOUT
IOUT


Número de pieza similar - S-1135B11-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1135B11-A6T1U ABLIC-S-1135B11-A6T1U Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
More results

Descripción similar - S-1135B11-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com