Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1135B14-A6T1U Datasheet(PDF) 36 Page - Seiko Instruments Inc

No. de pieza S-1135B14-A6T1U
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1135B14-A6T1U Datasheet(HTML) 36 Page - Seiko Instruments Inc

Back Button S-1135B14-A6T1U Datasheet HTML 32Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 33Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 34Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 35Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 36Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 37Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 38Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 39Page - Seiko Instruments Inc S-1135B14-A6T1U Datasheet HTML 40Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 Series
Rev.2.2_01
36
3. HSNT-6A
Top view
13
2
64
5
(1) (2) (3)
(4) (5) (6)
(7) (8) (9)
(1) to (3)
: Product code (Refer to Product name vs. Product code)
(4)
: Blank
(5) to (9)
: Lot number
Product name vs. Product code
(a) S-1135 Series A type
(b) S-1135 Series B type
Product Name
Product code
Product Name
Product code
(1)
(2)
(3)
(1)
(2)
(3)
S-1135A10-A6T1U
S
E
A
S-1135B10-A6T1U
S
G
A
S-1135A11-A6T1U
S
E
B
S-1135B11-A6T1U
S
G
B
S-1135A12-A6T1U
S
E
C
S-1135B12-A6T1U
S
G
C
S-1135A13-A6T1U
S
E
D
S-1135B13-A6T1U
S
G
D
S-1135A14-A6T1U
S
E
E
S-1135B14-A6T1U
S
G
E
S-1135A15-A6T1U
S
E
F
S-1135B15-A6T1U
S
G
F
S-1135A16-A6T1U
S
E
G
S-1135B16-A6T1U
S
G
G
S-1135A17-A6T1U
S
E
H
S-1135B17-A6T1U
S
G
H
S-1135A18-A6T1U
S
E
I
S-1135B18-A6T1U
S
G
I
S-1135A1J-A6T1U
S
E
J
S-1135B1J-A6T1U
S
G
J
S-1135A19-A6T1U
S
E
K
S-1135B19-A6T1U
S
G
K
S-1135A20-A6T1U
S
E
L
S-1135B20-A6T1U
S
G
L
S-1135A21-A6T1U
S
E
M
S-1135B21-A6T1U
S
G
M
S-1135A22-A6T1U
S
E
N
S-1135B22-A6T1U
S
G
N
S-1135A23-A6T1U
S
E
O
S-1135B23-A6T1U
S
G
O
S-1135A24-A6T1U
S
E
P
S-1135B24-A6T1U
S
G
P
S-1135A25-A6T1U
S
E
Q
S-1135B25-A6T1U
S
G
Q
S-1135A26-A6T1U
S
E
R
S-1135B26-A6T1U
S
G
R
S-1135A27-A6T1U
S
E
S
S-1135B27-A6T1U
S
G
S
S-1135A28-A6T1U
S
E
T
S-1135B28-A6T1U
S
G
T
S-1135A2J-A6T1U
S
E
U
S-1135B2J-A6T1U
S
G
U
S-1135A29-A6T1U
S
E
V
S-1135B29-A6T1U
S
G
V
S-1135A30-A6T1U
S
E
W
S-1135B30-A6T1U
S
G
W
S-1135A31-A6T1U
S
E
X
S-1135B31-A6T1U
S
G
X
S-1135A32-A6T1U
S
E
Y
S-1135B32-A6T1U
S
G
Y
S-1135A33-A6T1U
S
E
Z
S-1135B33-A6T1U
S
G
Z
S-1135A34-A6T1U
S
E
2
S-1135B34-A6T1U
S
G
2
S-1135A35-A6T1U
S
E
3
S-1135B35-A6T1U
S
G
3


Número de pieza similar - S-1135B14-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1135B14-A6T1U ABLIC-S-1135B14-A6T1U Datasheet
558Kb / 48P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
More results

Descripción similar - S-1135B14-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com