Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5200BM Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SM5200BM
Descripción Electrónicos  Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5200BM Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5200BM Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5200BM Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM520BM~SM5200BM
Voltage 20 ~ 200 V
5.0 AMP Surface Mount Schottky Barrier Rectifiers
08-Feb-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Surface mounted applications
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High forward surge current capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
MECHANICAL DATA
Case : SMBM
Terminals: Solderable per MIL-STD-750, Method 2026
MARKING
Part Number
Marking Code
Part Number
Marking Code
SM520BM
S52B
SM5100BM
S510B
SM540BM
S54B
SM5150BM
S515B
SM560BM
S56B
SM5200BM
S520B
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMBM
5K
13 inch
ABSOLUTE MAXIMUM RATINGS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SM
520BM
SM
540BM
SM
560BM
SM
5100BM
SM
5150BM
SM
5200BM
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
100
150
200
V
Maximum RMS Voltage
VRMS
14
28
42
70
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
150
200
V
Maximum Average Forward Rectified
Current
IF
5
A
Peak Forward Surge Current@ 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage
@IF=5A
VF
0.55
0.7
0.85
V
TJ=25°C
1
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=100°C
IR
50
mA
Typical Junction Capacitance
1
CJ
800
500
pF
Typical Thermal Resistance from Junction to
Ambient
2
RθJA
45
°C/W
Junction and Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 4 V D.C.
2.
P.C.B. mounted with 0.5 X 0.5’’(12.7 X 12.7mm) copper pad areas.
SMBM
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.2
4.4
D
1.0 REF
B
3.5
3.7
E
1.9
2.2
C
5.1
5.5
F
1.1
1.3


Número de pieza similar - SM5200BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SM5200B SECOS-SM5200B Datasheet
352Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM5200B GWSEMI-SM5200B Datasheet
63Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM5200BF AITSEMI-SM5200BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
Leshan Radio Company
SM5200BF LRC-SM5200BF_15 Datasheet
222Kb / 9P
   Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM5200B SECOS-SM5200B_15 Datasheet
329Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

Descripción similar - SM5200BM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMPD5200H SECOS-SMPD5200H Datasheet
215Kb / 2P
   200 V 5.0 Amp Low IR Surface Mount Schottky Barrier Rectifiers
SMP8200 SECOS-SMP8200 Datasheet
61Kb / 1P
   Voltage 200 V 8 Amp Surface Mount Schottky Barrier Rectifiers
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
   5.0 AMP Surface Mount Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL_15 Datasheet
165Kb / 2P
   5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM520C GWSEMI-SM520C Datasheet
65Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS58-5A-80V-DO-214AA DGNJDZ-SS58-5A-80V-DO-214AA Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS515-150V-DO-214AB DGNJDZ-SS515-150V-DO-214AB Datasheet
266Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520-200V-DO-214AA DGNJDZ-SS520-200V-DO-214AA Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520F-200V.SMAF DGNJDZ-SS520F-200V.SMAF Datasheet
517Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK54.5A-DO-214AB DGNJDZ-SK54.5A-DO-214AB Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com