Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMPD5150L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMPD5150L
Descripción Electrónicos  150 V 5.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD5150L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPD5150L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD5150L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPD5150L
150 V 5.0 Amp
Low VF Trench MOS Barrier Schottky Rectifier
15-Mar-2017 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High thermal reliability
Patented Super Barrier Rectifier Technology
High forward surge capability
Ultra low power loss and high efficiency
Excellent high temperature stability
Plastic material-UL flammability 94V-0
High current capability
Low reverse current
MECHANICAL DATA
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277D
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Working Peak Reverse Voltage
VRSM
105
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum Average Forward Rectified Current
IF
5
A
Peak Forward Surge Current, @8.3ms single half-wave
Superimposed on rated load (JEDEC method)
IFSM
80
A
Typical Thermal Resistance from Junction to Ambient
RθJA
80
°C / W
Typical Thermal Resistance from Junction to Lead
RθJL
10
°C / W
Operating and Storage Temperature Range
TJ,TSTG
150, -50~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.62
-
IF=1A, TJ=25°C
0.74
-
IF=3A, TJ=25°C
Maximum Instantaneous Forward Voltage
VF
-
0.84
V
IF=5A, TJ=25°C
-
0.2
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
-
50
mA
TJ=100°C
Typical Junction Capacitance
1
CJ
280
-
pF
Note:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
TO-277D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.65
1.95
G
3.25
3.85
B
5.3
5.5
H
0.45
0.65
C
1.7
1.9
I
2.9
3.2
D
3.8
4.2
J
6.4
6.6
E
0.45
0.65
K
0.3
0.45
F
0.8
1.0
L
1.0
1.2


Número de pieza similar - SMPD5150L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMPD5100 SECOS-SMPD5100 Datasheet
263Kb / 2P
   100V, 5A Surface Mount Schottky Barrier Rectifiers
SMPD5100L SECOS-SMPD5100L Datasheet
294Kb / 2P
   100V, 5A Low VF Schottky Barrier Rectifiers
SMPD5100L SECOS-SMPD5100L Datasheet
137Kb / 2P
   Low VF Schottky Barrier Rectifiers
SMPD5100L SECOS-SMPD5100L_18 Datasheet
137Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Descripción similar - SMPD5150L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SRL3150 SECOS-SRL3150 Datasheet
127Kb / 2P
   150 V 3.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SRL5120 SECOS-SRL5120 Datasheet
122Kb / 2P
   Voltage 120V 5.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SK5100C SECOS-SK5100C Datasheet
199Kb / 2P
   Low VF Trench MOS Barrier Schottky Rectifier
SRL5100 SECOS-SRL5100_15 Datasheet
115Kb / 2P
   Low VF Trench MOS Barrier Schottky Rectifier
SRL5100 SECOS-SRL5100 Datasheet
115Kb / 2P
   Low VF Trench MOS Barrier Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
5V45A-SMAF YFWDIODE-5V45A-SMAF Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier, Low VF
5V45A-SMA YFWDIODE-5V45A-SMA Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier, Low VF
5V45A-SMA-SMAF YFWDIODE-5V45A-SMA-SMAF Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier, Low VF
logo
SeCoS Halbleitertechnol...
SBL20U120 SECOS-SBL20U120 Datasheet
150Kb / 2P
   Voltage 102V 20.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
SBL20U100 SECOS-SBL20U100 Datasheet
154Kb / 2P
   Voltage 100V 20.0 Amp Low VF Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com