Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMPD5200H Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMPD5200H
Descripción Electrónicos  200 V 5.0 Amp Low IR Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD5200H Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPD5200H Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD5200H Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPD5200H
200 V 5.0 Amp
Low IR Surface Mount Schottky Barrier Rectifiers
14-Feb-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
High operating temperature
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277D
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Working Peak Reverse Voltage
VRSM
200
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Average Forward Rectified Current
IF
5
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
110
A
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / µs
Typical Thermal Resistance from Junction to Ambient
RθJA
80
°C / W
Typical Thermal Resistance from Junction to Lead
RθJL
15
°C / W
Operating and Storage Temperature Range
TJ,TSTG
-55~175
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.82
0.87
IF=5A, TJ=25°C
Instantaneous Forward Voltage
VF
0.67
-
V
IF=5A, TJ=125°C
0.5
50
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
2
IR
50
700
uA
TJ=125°C
Typical Junction Capacitance
1
CJ
68
-
pF
Notes:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
TO-277D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.65
1.95
G
3.25
3.85
B
5.3
5.5
H
0.45
0.65
C
1.7
1.9
I
2.9
3.2
D
3.8
4.2
J
6.4
6.6
E
0.45
0.65
K
0.3
0.45
F
0.8
1.0
L
1.0
1.2


Número de pieza similar - SMPD5200H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMPD5200 SECOS-SMPD5200 Datasheet
170Kb / 2P
   200V, 5A Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SMPD5200H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SRH5200 SECOS-SRH5200 Datasheet
129Kb / 2P
   200 V 5.0 Amp Low IR Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL Datasheet
140Kb / 2P
   Low Vf low ir 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SRH5150 SECOS-SRH5150 Datasheet
129Kb / 2P
   150 V 5.0 Amp Low IR Schottky Barrier Rectifiers
SM520BM SECOS-SM520BM Datasheet
310Kb / 2P
   Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SRH3200 SECOS-SRH3200 Datasheet
250Kb / 2P
   200 V 3.0 Amp Low IR Schottky Barrier Rectifiers
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
   5.0 AMP Surface Mount Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL_15 Datasheet
165Kb / 2P
   5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM520C GWSEMI-SM520C Datasheet
65Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS58-5A-80V-DO-214AA DGNJDZ-SS58-5A-80V-DO-214AA Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS515-150V-DO-214AB DGNJDZ-SS515-150V-DO-214AB Datasheet
266Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com