Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMPD15150L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMPD15150L
Descripción Electrónicos  150V, 15A Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD15150L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMPD15150L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD15150L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMPD15150L
150V, 15A
Low VF Schottky Barrier Rectifiers
23-Mar-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Schottky Barrier chip
High thermal reliability
Patented Super Barrier Rectifier Technology
High forward surge capability
Ultra low power loss and high efficiency
Excellent high temperature stability
Plastic material-UL flammability 94V-0
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277D
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25°C, unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Peak Repetitive Reverse Voltage
VRRM
150
V
Maximum Working Peak Reverse Voltage
VRWM
150
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum RMS Rectified Voltage
VRMS
105
V
Maximum Average Rectified Output Current
IO
15
A
Non-Repetitive Peak Forward Surge Current@ 8.3 ms single half
sine-wave, superimposed on rated load (JEDEC method)
IFSM
250
A
I
2t Rating for Fusing@ t<
<8.3ms
I
2t
259.375
A
2S
Typical Thermal Resistance from Junction to Ambient
RθJA
110
°C / W
Typical Thermal Resistance from Junction to Lead
2
RθJL
3.5
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
0.48
-
IF=1A, TA=25°C
0.68
-
IF=5A, TA=25°C
Forward Voltage Drop
VFM
0.8
0.85
V
IF=15A, TA=25°C
-
0.3
TA=25°C
Peak Reverse Current
at Rated DC Blocking Voltage
IR
-
15
mA
TA=100°C
TO-277D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.65
1.95
G
3.25
3.85
B
5.3
5.5
H
0.45
0.65
C
1.7
1.9
I
2.9
3.2
D
3.8
4.2
J
6.4
6.6
E
0.45
0.65
K
0.3
0.45
F
0.8
1.0
L
1.0
1.2


Número de pieza similar - SMPD15150L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMPD15150L SECOS-SMPD15150L Datasheet
115Kb / 2P
   Low VF Schottky Barrier Rectifiers
SMPD15150L SECOS-SMPD15150L_18 Datasheet
115Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Descripción similar - SMPD15150L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMPD10150L SECOS-SMPD10150L Datasheet
225Kb / 2P
   150V, 10A Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SD15S150SL LUGUANG-SD15S150SL Datasheet
1Mb / 4P
   15A/150V Low VF Schottky Rectifier
Revision:20181101-P1
logo
SeCoS Halbleitertechnol...
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
   120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
   200V, 15A Low VF Schottky Barrier Rectifiers
SMPD15100L SECOS-SMPD15100L Datasheet
215Kb / 2P
   100V, 15A Low VF Schottky Barrier Rectifiers
SMPD1545L SECOS-SMPD1545L Datasheet
221Kb / 2P
   45V, 15A Low VF Planar MOS Barrier Schottky Rectifiers
logo
Shindengen Electric Mfg...
D15FY15ST SHINDENGEN-D15FY15ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 150V, 15A
logo
SeCoS Halbleitertechnol...
SMPD1560L SECOS-SMPD1560L Datasheet
224Kb / 2P
   60V, 15A Low VF Schottky Barrier Rectifier
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com