Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8500BEFVBF27 Datasheet(PDF) 7 Page - Analog Microelectronics |
|
AME8500BEFVBF27 Datasheet(HTML) 7 Page - Analog Microelectronics |
7 / 14 page AME, Inc. 7 AME8500 / 8501 µµµµµProcessor Supervisory n Ordering Information (contd.) Part Number Marking VTH Voltage Package Operating Temp. Range AME8500BEETBA42 ASIww 4.20V SOT-23 - 40 oC to + 85oC AME8500BEETCA21 ASXww 2.10V SOT-23 - 40 oC to + 85oC AME8500BEEVAK27 AUFww 2.70V SOT-25 - 40 oC to + 85oC AME8500BEFTAA21 A8500B AA21ww 2.10V SOT-89 - 40 oC to + 85oC AME8500BEFTAA27 A8500B AA27ww 2.70V SOT-89 - 40 oC to + 85oC AME8500BEFTAF27 A8500B AF27ww 2.70V SOT-89 - 40 oC to + 85oC AME8500BEFTAF40 A8500B AF40ww 4.00V SOT-89 - 40 oC to + 85oC AME8500BEFTBA23 A8500B BA23ww 2.32V SOT-89 - 40 oC to + 85oC AME8500CEETAA21 ASYww 2.10V SOT-23 - 40 oC to + 85oC AME8500CEETAE26 ASHww 2.63V SOT-23 - 40 oC to + 85oC AME8500CEETAE42 AUZww 4.20V SOT-23 - 40 oC to + 85oC AME8500CEETAF29 ASLww 2.93V SOT-23 - 40 oC to + 85oC AME8500CEETBE42 AVAww 4.20V SOT-23 - 40 oC to + 85oC AME8500CEETBF31 AVYww 3.08V SOT-23 - 40 oC to + 85oC AME8500CEETBF46 ARWww 4.63V SOT-23 - 40 oC to + 85oC AME8500CEETCA21 ASZww 2.10V SOT-23 - 40 oC to + 85oC AME8500CEFTBA27 A8500C BA27ww 2.70V SOT-89 - 40 oC to + 85oC AME8500CEFTBA29 A8500C BA29ww 2.93V SOT-89 - 40 oC to + 85oC AME8500CEFTBA42 A8500C BA42ww 4.20V SOT-89 - 40 oC to + 85oC AME8500CEFTCD28 A8500C CD28ww 2.80V SOT-89 - 40 oC to + 85oC AME8500CEFTCD46 A8500C CD46ww 4.63V SOT-89 - 40 oC to + 85oC Please consult AME sales office or authorized Rep./Distributor for other voltage options. |
Número de pieza similar - AME8500BEFVBF27 |
|
Descripción similar - AME8500BEFVBF27 |