Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M40S-026003AA0 Datasheet(PDF) 5 Page - SICK AG |
|
M40S-026003AA0 Datasheet(HTML) 5 Page - SICK AG |
5 / 9 page M40S-026003AA0, M40E-026023RB0 | M4000 Advanced MULTIPLE LIGHT BEAM SAFETY DEVICES Dimensional drawing (Dimensions in mm (inch)) M4000 Advanced Laser warning label (receiver with integrated alignment aid only) Laser output opening (receiver with integrated alignment aid only) Optional (receiver only) design with integrated LED Sliding nut groove for side mounting Cable socket M26 with crimp contacts (for DIN 43651, left) and cable plug M12 with cable (right, only on receiver) Mounting ranges for brackets M4000 Advanced (receiver) or M4000 Advanced A/P 14 (0.55) 6 (0.24) 10.5 (0.41) 2 1 1 1 2 52 (2.05) 55.5 (2.19) 27.5 (1.08) Number of beams Beam separation S1 L1 L2 500 (19.69) 643 (25.31) 672 (26.46) 2 600 (23.62) 743 (29.25) 772 (30.39) 220 (8.66) 583 (22.95) 612 (24.09) 400 (15.75) 943 (37.13) 972 (38.27) 3 450 (17.72) 1,043 (41.06) 1,072 (42.20) 220 (8.66) 803 (31.61) 832 (32.76) 4 300 (11.81) 1,043 (41.06) 1,072 (42.20) 5 1,023 (40.28) 1,052 (41.42) 6 1,243 (48.94) 1,272 (50.08) 7 1,462 (57.56) 1,491 (58.70) 8 220 (8.66) 1,682 (66.22) 1,711 (67.36) 2017-08-24 18:11:25 | Online data sheet Subject to change without notice OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK 5 |
Número de pieza similar - M40S-026003AA0 |
|
Descripción similar - M40S-026003AA0 |