Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0705415205 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0705415205
Descripción Electrónicos  2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 6 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX1 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0705415205 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0705415205 Datasheet HTML 1Page - Molex Electronics Ltd. 0705415205 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
040
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
003
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0014
Product Specification
PS-70541-001, TS-70541-001-001, TS-70541-100-001
Sales Drawing
SD-70541-002
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0705415205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0705415204 MOLEX1-0705415204 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 5 Circuits, 0.76關m
0705415208 MOLEX1-0705415208 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 9 Circuits
More results

Descripción similar - 0705415205

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0705415105 MOLEX1-0705415105 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 6 Circuits
0705415008 MOLEX1-0705415008 Datasheet
39Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 9 Circuits
0705415104 MOLEX1-0705415104 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 5 Circuits
0705415208 MOLEX1-0705415208 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 9 Circuits
0705415108 MOLEX1-0705415108 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 9 Circuits
0705630005 MOLEX8-0705630005 Datasheet
225Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Vertical, .180" Pocket, Shrouded, 6 Circuits
0705415004 MOLEX1-0705415004 Datasheet
39Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, Shrouded, 5 Circuits
0705430005 MOLEX8-0705430005 Datasheet
429Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, 6 Circuits, 0.38um
0705410002 MOLEX1-0705410002_17 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
0705410003 MOLEX1-0705410003_17 Datasheet
40Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, 3.05mm Pocket, Shrouded
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com