Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA10931-BOOM-W Datasheet(PDF) 5 Page - Ledil, Inc.

No. de pieza CA10931-BOOM-W
Descripción Electrónicos  Boom series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10931-BOOM-W Datasheet(HTML) 5 Page - Ledil, Inc.

  CA10931-BOOM-W Datasheet HTML 1Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 2Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 3Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 4Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 5Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 6Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 7Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 8Page - Ledil, Inc. CA10931-BOOM-W Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Tape thickness 0.2mm
A
H
B
G
3
2
4
1
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
CA10931
CA10931_BOOM-W
A3
1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: class C
According to DIN ISO 2768-2
Form and position: class L
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
-
INDEX PART NO MATERIAL COLOUR
1
Tape
Black
2
Reflector
PC
Metal
10.6 1
LED position
12.
1
22.1
9
Bottom view
Front view
Isometric view


Número de pieza similar - CA10931-BOOM-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA10931 LEDIL-CA10931 Datasheet
573Kb / 12P
   CA10931_BOOM-W
CA10931 LEDIL-CA10931 Datasheet
745Kb / 13P
   CA10930_BOOM-M
CA10931 LEDIL-CA10931 Datasheet
452Kb / 9P
   Boom RefAssy
More results

Descripción similar - CA10931-BOOM-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CA10715 CREE-CA10715 Datasheet
452Kb / 9P
   Boom series
CA10716 CREE-CA10716 Datasheet
291Kb / 5P
   Boom series
logo
Ledil, Inc.
CA10715-BOOM-S LEDIL-CA10715-BOOM-S Datasheet
452Kb / 9P
   Boom series
logo
Cree, Inc
CA10930 CREE-CA10930 Datasheet
745Kb / 13P
   Boom series
logo
Ledil, Inc.
CA10716-BOOM-S LEDIL-CA10716-BOOM-S Datasheet
291Kb / 5P
   Boom series
CA10930-BOOM-M LEDIL-CA10930-BOOM-M Datasheet
745Kb / 13P
   Boom series
CA10928-BOOM-M LEDIL-CA10928-BOOM-M Datasheet
257Kb / 4P
   Boom series
logo
Cree, Inc
CA10929 CREE-CA10929 Datasheet
366Kb / 6P
   Boom series
CA10928 CREE-CA10928 Datasheet
257Kb / 4P
   Boom series
CA12957 CREE-CA12957 Datasheet
123Kb / 4P
   Boom series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com