Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZTA92 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza PZTA92
Descripción Electrónicos  SOT-223 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

PZTA92 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  PZTA92 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA92 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA92 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd PZTA92 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-1
-10
-100
0
60
120
180
240
300
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-0.1
-1
-10
-100
-0
-200
-400
-600
-800
-1000
-0.1
-1
-10
1
10
100
-1
-10
-100
100
-0
-3
-6
-9
-12
-15
-18
-0
-5
-10
-15
-0.1
-1
-10
-100
-10
-100
-1000
V
CB
/ V
EB
C
ob
/ C
ib
——
V
BE
I
C
——
I
C
h
FE
——
T
a=100
T
a=25
COMMON EMITTER
V
CE= -10V
BASE-EMITTER VOLTAGE
V
BE
(V)
Static Characteristic
T
a=100
T
a=25
COMMON EMITTER
V
CE= -10V
COLLECTOR CURRENT
I
C
(mA)
f
T
——
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
( )
T
a=100
T
a=25
β
=10
COLLECTOR CURRENT
I
C
(mA)
-0.2
f=1MHz
I
E=0/IC=0
T
a=25
Cob
Cib
-20
REVERSE BIAS VOLTAGE
V (V)
30
10
COMMON EMITTER
V
CE= -20V
T
a=25
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a=25
-100uA
-70uA
-90uA
-60uA
-50uA
-80uA
-40uA
-30uA
-20uA
I
B= -10uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
T
a=25
T
a=100
β
=10
V
BEsat
——
V
CEsat
——
I
C
I
C
COLLECTOR CURRENT
I
C
(mA)
Typical Characteristics
www.cj-elec.com
2
E,Jan,2017


Número de pieza similar - PZTA92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PZTA92 PHILIPS-PZTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 14
logo
First Silicon Co., Ltd
PZTA92 FS-PZTA92 Datasheet
335Kb / 3P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
PZTA92 SIEMENS-PZTA92 Datasheet
126Kb / 4P
   PNP Silicon High-Voltage Transistors
logo
SHIKUES Electronics
PZTA92 SKTECHNOLGY-PZTA92 Datasheet
733Kb / 4P
   High-Voltage PNP Transistor Surface Mount
logo
Fairchild Semiconductor
PZTA92 FAIRCHILD-PZTA92 Datasheet
655Kb / 14P
   PNP High Voltage Amplifier
More results

Descripción similar - PZTA92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
CZT32C DGNJDZ-CZT32C Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com