Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S9012 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza S9012
Descripción Electrónicos  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

S9012 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  S9012 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9012 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9012 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9012 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
S9012
TRANSISTOR (PNP)
FEATURES
High Collector Current
Complementary To S9013
Excellent hFE Linearity
MARKING: 2T1
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-500
mA
PC
Collector Power Dissipation
300
mW
RΘJA
Thermal Resistance From Junction To Ambient
416
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55
~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.1mA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-0.1
uA
Collector cut-off current
ICEO
VCE=-20V, IB=0
-0.1
uA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
uA
DC current gain
hFE
VCE=-1V, IC=-50mA
120
400
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
-1.2
V
Transition frequency
fT
VCE=-6V,IC=-20mA, f=30MHz
150
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
5
pF
CLASSIFICATION OF h
FE
RANK
L
H
J
RANGE
120-200
200-350
300-400
SOT–23
1. BASE
2. EMITTER
3. COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Oct,2014
JC T


Número de pieza similar - S9012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S9012 ETC-S9012 Datasheet
940Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9012 SECOS-S9012 Datasheet
239Kb / 1P
   PNP Silicon General Purpose Transistor
logo
Weitron Technology
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
SHENZHEN SLS TECHNOLOGY...
S9012 SHENZHENSLS-S9012 Datasheet
682Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
S9012 BILIN-S9012 Datasheet
184Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Descripción similar - S9012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com