Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN65LVDS048A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN65LVDS048A
Descripción Electrónicos  LVDS QUAD DIFFERENTIAL LINE RECEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS048A Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS048A Datasheet HTML 1Page - Texas Instruments SN65LVDS048A Datasheet HTML 2Page - Texas Instruments SN65LVDS048A Datasheet HTML 3Page - Texas Instruments SN65LVDS048A Datasheet HTML 4Page - Texas Instruments SN65LVDS048A Datasheet HTML 5Page - Texas Instruments SN65LVDS048A Datasheet HTML 6Page - Texas Instruments SN65LVDS048A Datasheet HTML 7Page - Texas Instruments SN65LVDS048A Datasheet HTML 8Page - Texas Instruments SN65LVDS048A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN65LVDS048A
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SLLS451B– SEPTEMBER 2000 – REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted) (see
Notes 7)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPHL
Differential propagation delay, high-to-low
1.9
2.7
3.7
ns
tPLH
Differential propagation delay, low-to-high
1.9
2.9
3.7
ns
tSK(p)
Differential pulse skew (tPHLD – tPLHD) (see Note 8)
200
450
ps
tSK(o)
Differential channel-to-channel skew; same device (see Note 8)
CL = 15 pF
VID 200 mV
50
500
ps
tSK(pp)
Differential part-to-part skew (see Note 10)
VID = 200 mV
(see Figure 1 and 2 )
1
ns
tSK(lim) Differential part-to-part skew (see Note11)
(see Figure 1 and 2 )
1.5
ns
tr
Rise time
0.5
1
ns
tf
Fall time
0.5
1
ns
tPHZ
Disable time high to Z
8
9
ns
tPLZ
Disable time low to Z
RL = 2 K Ω
CL 15 pF
6
8
ns
tPZH
Enable time Z to high
CL = 15 pF
(see Figure 3 and 4 )
8
10
ns
tPZL
Enable time Z to low
(see Figure 3 and 4 )
7
8
ns
f(MAX)
Maximum operating frequency (see Note 12)
All channels switching
200
250
MHz
† All typical values are at 25
°C and with a 3.3-V supply.
NOTES:
7. Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50 Ω, tr and tf (0% – 100%) ≤ 3 ns for RIN.
8. tSK(p)|tPLH – tPHL| is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
9. tSK(o) is the differential channel-to-channel skew of any event on the same device.
10. tSK(pp) is the differential part-to-part skew, and is defined as the difference between the minimum and the maximum specified
differential propagation delays. This specification applies to devices at the same VCC and within 5
°C of each other within the
operating temperature range.
11. tsk(lim) part-to-part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to
devices over recommended operating temperature and voltage ranges, and across process distribution. tsk(lim) is defined as |Min
– Max| differential propagation delay.
12. f(MAX) generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, 0 V to 3 V. Output criteria: duty cycle = 45% to 55%,
VOD > 250 mV, all channels switching


Número de pieza similar - SN65LVDS048A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048AD TI-SN65LVDS048AD Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048ADG4 TI-SN65LVDS048ADG4 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048ADR TI-SN65LVDS048ADR Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048ADRG4 TI-SN65LVDS048ADRG4 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results

Descripción similar - SN65LVDS048A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com