Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT9553A Datasheet(PDF) 5 Page - Richtek Technology Corporation

No. de pieza RT9553A
Descripción Electrónicos  High Accuracy Current/Voltage Sensing and Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9553A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9553A Datasheet HTML 1Page - Richtek Technology Corporation RT9553A Datasheet HTML 2Page - Richtek Technology Corporation RT9553A Datasheet HTML 3Page - Richtek Technology Corporation RT9553A Datasheet HTML 4Page - Richtek Technology Corporation RT9553A Datasheet HTML 5Page - Richtek Technology Corporation RT9553A Datasheet HTML 6Page - Richtek Technology Corporation RT9553A Datasheet HTML 7Page - Richtek Technology Corporation RT9553A Datasheet HTML 8Page - Richtek Technology Corporation RT9553A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9553A
5
DS9553A-00
September 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Current Sensing
Accuracy
OCacc
VILIM = 0.4V to 2V
--
--
5
%
PROCHOT Leakage
Current
Ileak_PROCHOT
EN Low
--
--
5
A
ILIM Leakage Current
Ileak_ILIM
EN Low
--
--
5
A
ILIM Operation Range
VILIM
0.4
--
2
V
Over-/Under-Voltage Protection
OVP Accuracy
OVPacc
VOVSET = 0.55V to 3V
--
--
5
%
OVP Recover Hysteresis
Range
VOVSET = 0.55V to 3V
--
8
--
%
UVP Accuracy
UVPacc
VUVSET = 0.55V to 3V
--
--
5
%
UVP Recover Hysteresis
Range
VUVSET = 0.55V to 3V
--
8
--
%
Open Drain Output Ron
Ron_RESET
ISink = 10mA
--
--
10
RESET Leakage Current
Ileak_RESET
EN Low
--
--
5
A
OVP/UVP De-glitch Time
TTimer
RTimer = 375k
--
15
--
s
RTimer = 125k
--
5
--


Número de pieza similar - RT9553A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
RT9554AGQW RICHTEK-RT9554AGQW Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
More results

Descripción similar - RT9553A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com