Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2300IPAGR Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TSC2300IPAGR
Descripción Electrónicos  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSC2300IPAGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2300IPAGR Datasheet HTML 2Page - Texas Instruments TSC2300IPAGR Datasheet HTML 3Page - Texas Instruments TSC2300IPAGR Datasheet HTML 4Page - Texas Instruments TSC2300IPAGR Datasheet HTML 5Page - Texas Instruments TSC2300IPAGR Datasheet HTML 6Page - Texas Instruments TSC2300IPAGR Datasheet HTML 7Page - Texas Instruments TSC2300IPAGR Datasheet HTML 8Page - Texas Instruments TSC2300IPAGR Datasheet HTML 9Page - Texas Instruments TSC2300IPAGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
Y–
X+
MONO+
MONO–
VOUTL
VOUTR
AGND
AVDD
HPL
HPR
HPGND
X–
Y+
HPVDD
AUX1
AUX2
TSC2300
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
KBIRQ
DGND
DVDD
I2SDOUT
I2SDIN
LRCLK
BCLK
MCLK
R1
COO
COI
DAV
MISO
MOSI
SCLK
RESET
TSC2300
SLAS372 — NOVEMBER 2002
PIN ASSIGNMENT
(TOP VIEW)
PIN DESCRIPTION
PIN
I/O
NAME
DESCRIPTION
1
I
VBAT1
Battery monitor input 1
2
I
VBAT2
Battery monitor input 2
3
I/O
VREFIN
SAR reference voltage
4
ARNG
DAC analog output range set
5
O
AOUT
Analog output current from DAC
6
O
PENIRQ
Pen interrupt
7
I
POL
SPI clock polarity
8
I/O
GPIO_0
General-purpose input/output pin
9
I/O
GPIO_1
General-purpose input/output pin
10
I/O
GPIO_2
General-purpose input/output pin
11
I/O
GPIO_3
General-purpose input/output pin
12
I/O
GPIO_4
General-purpose input/output pin
13
I/O
GPIO_5/CLKO General-purpose input/output pin/buffered oscillator clock out
14
I
DVDD
Digital voltage supply
6


Número de pieza similar - TSC2300IPAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301 TI1-TSC2301 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301IGQZ TI-TSC2301IGQZ Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IGQZR TI-TSC2301IGQZR Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAG TI-TSC2301IPAG Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results

Descripción similar - TSC2300IPAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com