Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB3EZ20D5 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMB3EZ20D5
Descripción Electrónicos  3.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB3EZ20D5 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMB3EZ20D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB3EZ20D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB3EZ20D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB3EZ20D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMB3EZxxD5 Series
Voltage 3.3 V ~ 200 V
3.0 Watts Surface Mount Zener Diode
14-Jan-2013 Rev. C
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Rating 25°C ambient temperature unless otherwise specified)
Nominal Zener
Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
Max. DC Zener
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Part Number
Nom.V
mA
mA
mA
uA
V
mA
SMB3EZ5.1D5
5.1
147
3.5
147
550
1
5
1
528
SMB3EZ5.6D5
5.6
134
2.5
134
600
1
5
2
481
SMB3EZ6.2D5
6.2
121
1.5
121
700
1
5
3
435
SMB3EZ6.8D5
6.8
110
2
110
700
1
5
4
393
SMB3EZ7.5D5
7.5
100
2
100
700
0.5
5
5
360
SMB3EZ8.2D5
8.2
91
2.3
91
700
0.5
5
6
330
SMB3EZ9.1D5
9.1
82
2.5
82
700
0.5
3
7
297
SMB3EZ10D5
10
75
3.5
75
700
0.25
3
7.6
270
SMB3EZ11D5
11
68
4
68
700
0.25
1
8.4
225
SMB3EZ12D5
12
63
4.5
63
700
0.25
1
9.1
246
SMB3EZ13D5
13
58
4.5
58
700
0.25
0.5
9.9
208
SMB3EZ14D5
14
53
5
53
700
0.25
0.5
10.6
193
SMB3EZ15D5
15
50
5.5
50
700
0.25
0.5
11.4
180
SMB3EZ16D5
16
47
5.5
47
700
0.25
0.5
12.2
169
SMB3EZ17D5
17
44
6
44
750
0.25
0.5
13
159
SMB3EZ18D5
18
42
6
42
750
0.25
0.5
13.7
150
SMB3EZ19D5
19
40
7
40
750
0.25
0.5
14.4
142
SMB3EZ20D5
20
37
7
37
750
0.25
0.5
15.2
135
SMB3EZ22D5
22
34
8
34
750
0.25
0.5
16.7
123
SMB3EZ24D5
24
31
9
31
750
0.25
0.5
18.2
112
SMB3EZ27D5
27
28
10
28
750
0.25
0.5
20.6
100
SMB3EZ28D5
28
27
12
27
750
0.25
0.5
21
96
SMB3EZ30D5
30
25
16
25
1000
0.25
0.5
22.5
90
SMB3EZ33D5
33
23
20
23
1000
0.25
0.5
25.1
82
SMB3EZ36D5
36
21
22
21
1000
0.25
0.5
27.4
75
SMB3EZ39D5
39
19
28
19
1000
0.25
0.5
29.7
69
SMB3EZ43D5
43
17
33
17
1500
0.25
0.5
32.7
63
SMB3EZ47D5
47
16
38
16
1500
0.25
0.5
35.6
57
SMB3EZ51D5
51
15
45
15
1500
0.25
0.5
38.8
53
SMB3EZ56D5
56
13
50
13
2000
0.25
0.5
42.6
48
SMB3EZ62D5
62
12
55
12
2000
0.25
0.5
47.1
44
SMB3EZ68D5
68
11
70
11
2000
0.25
0.5
51.7
40
SMB3EZ75D5
75
10
85
10
2000
0.25
0.5
56
36


Número de pieza similar - SMB3EZ20D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMB3EZ20D5 MCC-SMB3EZ20D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
logo
Anova Technologies CO.,...
SMB3EZ20D5 ANOVA-SMB3EZ20D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ20D5;3B5;SMB ANOVA-SMB3EZ20D5;3B5;SMB Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

Descripción similar - SMB3EZ20D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com