Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM7452NA Datasheet(PDF) 1 Page - Analog Power

No. de pieza AM7452NA
Descripción Electrónicos  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7452NA Datasheet(HTML) 1 Page - Analog Power

  AM7452NA Datasheet HTML 1Page - Analog Power AM7452NA Datasheet HTML 2Page - Analog Power AM7452NA Datasheet HTML 3Page - Analog Power AM7452NA Datasheet HTML 4Page - Analog Power AM7452NA Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7452NA
N-Channel 60-V (D-S) MOSFET
VDS (V)
ID (A)
Symbol
Limit
Units
VDS
60
VGS
±20
TA=25°C
26
a
TA=70°C
21
a
TC=25°C
60
c
TC=70°C
60
c
IDM
100
IS
7.3
TA=25°C
5
a
TA=70°C
3.2
a
TC=25°C
83
TC=70°C
53
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
25
65
Maximum Junction-to-Case (Drain)
RθJC
1.5
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
c.
Package limited
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
PRODUCT SUMMARY
60
rDS(on) (mΩ)
4.9 @ VGS = 10V
5.4 @ VGS = 4.5V
Gate-Source Voltage
RθJA
Continuous Drain Current
Power Dissipation
A
W
ID
PD
Steady State
°C/W
60
c
t <= 10 sec
Steady State
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• DC/DC Conversion Circuits
• Motor Drives
DFN5X6-8L
© Preliminary
1
Publication Order Number:
DS_AM7452NA_1C


Número de pieza similar - AM7452NA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM7450N ANALOGPOWER-AM7450N Datasheet
377Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM7451P ANALOGPOWER-AM7451P Datasheet
484Kb / 5P
   P-Channel 50-V (D-S) MOSFET
AM7454N ANALOGPOWER-AM7454N Datasheet
425Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM7456N ANALOGPOWER-AM7456N Datasheet
427Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Advanced Micro Devices
AM745LS374A AMD-AM745LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
More results

Descripción similar - AM7452NA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com