Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M40E-025020RT0 Datasheet(PDF) 3 Page - SICK AG |
|
M40E-025020RT0 Datasheet(HTML) 3 Page - SICK AG |
3 / 8 page M40S-025000AR0, M40E-025020RT0 | M4000 Standard MULTIPLE LIGHT BEAM SAFETY DEVICES Interfaces System connection Connection type Male connector M12, 8-pin Permitted cable length ≤ 15 m 1) Permitted cross-section ≥ 0.25 mm² Configuration method Configuration buttons Display elements LEDs 7-segment display Fieldbus, industrial network Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 2) 1) Depending on load, power supply and wire cross-section. The technical specifications must be observed. 2) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft. Electrical data Protection class III (EN 50178) Supply voltage VS 24 V DC (19.2 V DC ... 28.8 V DC) 1) Residual ripple ≤ 10 % 2) Power consumption ≤ 0.2 A: ≤ 0.6 A (depending on type) Safety outputs (OSSD) Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored 3) Switching voltage HIGH 24 V DC (VS – 2.25 V DC ... VS) Switching voltage LOW ≤ 2 V DC Switching current ≤ 500 mA Diagnostic outputs Type of output PNP semiconductor, short-circuit protected Switching voltage HIGH 24 V DC (VS – 4.2 V DC ... VS) Switching voltage LOW High resistance Switching current ≤ 100 mA 1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as accessories from SICK. 2) Within the limits of VS. 3) Applies to the voltage range between –30 V and +30 V. Mechanical data Housing cross-section 52 mm x 55.5 mm Housing material Aluminum alloy ALMGSI 0.5 Surface treatment Powder coated Front screen material Polycarbonate, scratch-resistant coating Ambient data Enclosure rating IP65 (EN 60529) Ambient operating temperature –30 °C ... +55 °C Storage temperature –30 °C ... +70 °C Air humidity 15 % ... 95 %, Non-condensing Vibration resistance 5 g, 10 Hz ... 55 Hz (IEC 60068-2-6) 2017-08-24 18:11:25 | Online data sheet Subject to change without notice OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK 3 |
Número de pieza similar - M40E-025020RT0 |
|
Descripción similar - M40E-025020RT0 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |