Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0015474084 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0015474084 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 05/23/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0015474084 Status: Active Overview: SL™ Modular Connectors Description: SL™ Single Row, Female, Version A Receptacle, 8 Circuits Documents: 3D Model Packaging Specification PK-70873-0001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-70430 (PDF) Agency Certification CSA LR19880 UL E29179 General Product Family FFC/FPC Connectors Series 70430 Overview SL™ Modular Connectors Product Name SL™ UPC 800754619745 Physical Circuits (Loaded) 8 Color - Resin Black Contact Position N/A Durability (mating cycles max) 50 Entry Angle Vertical Flammability 94V-0 Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Alloy Number of Rows 1 Orientation Vertical PC Tail Length 3.30mm PCB Retention None PCB Thickness - Recommended 1.60mm, 2.40mm Packaging Type Tube Pitch - Mating Interface 2.54mm Pitch - Termination Interface 2.54mm Plating min - Mating 0.762µm Plating min - Termination 1.905µm Polarized to PCB No Stackable Yes Temperature Range - Operating -40°C to +105°C Termination Interface: Style IDT or Pierce Wire/Cable Type FFC/FPC Electrical Current - Maximum per Contact 1.0A, 2.0A Voltage - Maximum 250V Material Info Engineering Number 70430-0357 Reference - Drawing Numbers Packaging Specification PK-70873-0001 Product Specification PS-70430 Series image - Reference only EU ELV Not Reviewed EU RoHS China RoHS Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Not Reviewed ELV Not Reviewed RoHS Phthalates Not Reviewed Search Parts in this Series 70430 Series Mates With SL™ Header 70541 , 70543 , 70545 , 70551 , 70553 , 70555 , 74099 , 70634 , 70107 , 70018 |
Número de pieza similar - 0015474084_17 |
|
Descripción similar - 0015474084_17 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |