Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSL0901YT Datasheet(PDF) 6 Page - Rohm

No. de pieza CSL0901YT
Descripción Electrónicos  Lens Type LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

CSL0901YT Datasheet(HTML) 6 Page - Rohm

  CSL0901YT Datasheet HTML 1Page - Rohm CSL0901YT Datasheet HTML 2Page - Rohm CSL0901YT Datasheet HTML 3Page - Rohm CSL0901YT Datasheet HTML 4Page - Rohm CSL0901YT Datasheet HTML 5Page - Rohm CSL0901YT Datasheet HTML 6Page - Rohm CSL0901YT Datasheet HTML 7Page - Rohm CSL0901YT Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
Direction for Circuit Board Warping
0.8mm
0.85m
m
0.8m
m
0.8m
m
CSL0901 Series
6/6
2016.03 - Rev.B
4-5. Soldering Pattern for Recommendation
We recommend the soldering pattern that shows on the right. It will be
different according to mounting situation of circuit board, therefore,
please concern before designing.
The product has adopted the electrode structure that it should solder
with back electrode of the product. Thus, please be informed that the
shape of electrode pin of solder fillet formation is not guaranteed.
4-6. Reflow Profile
For reflow profile, please refer to the conditions below:(※)
Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax
Maximum of pre-heating temperature
180ºC
Tsmin
Minimum of pre-heating temperature
140ºC
ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
230 to 260ºC
tL
Retention time for TL
Within 40sec.
TP
Peak temperature
260ºC(Max)
tP
Time for peak temperature
Within 10sec.
Δ
TR/Δt
Temperature rising rate
Under 3ºC/sec.
Δ
TD/Δt
Temperature decreasing rate
Over -3ºC/sec.
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow
furnaces before using, because stress from circuit boards and temperature variations of reflow furnaces vary
by customer’s own conditions.
4-7. Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30ºC within 3 minutes
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100ºC within 3 minutes


Número de pieza similar - CSL0901YT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
CSL0901YT ROHM-CSL0901YT Datasheet
270Kb / 10P
   Small LED with Lens
More results

Descripción similar - CSL0901YT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Roithner LaserTechnik G...
LED435-30M32 ROITHNER-LED435-30M32 Datasheet
55Kb / 1P
   stem type LED with ball lens
logo
HB Electronic Component...
PLCC2835-W3-1W HB-PLCC2835-W3-1W Datasheet
965Kb / 8P
   Lens Type
PLCC6-0.5W-W3 HB-PLCC6-0.5W-W3 Datasheet
1Mb / 12P
   Lens Type
PLCC6-0.5W-W6 HB-PLCC6-0.5W-W6 Datasheet
938Kb / 12P
   Lens Type
logo
STANLEY ELECTRIC CO.,LT...
HKR1105W-TR STANLEY-HKR1105W-TR Datasheet
156Kb / 2P
   H 1105W Series, Dome Lens Type SMT LED
logo
List of Unclassifed Man...
FA1105W ETC1-FA1105W Datasheet
163Kb / 3P
   F_1105W Swries, Dome Lens Type AllnGaP SMT LED
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
STANLEY ELECTRIC CO.,LT...
BR1101W STANLEY-BR1101W Datasheet
162Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
logo
List of Unclassifed Man...
QBLP650-IB ETC1-QBLP650-IB Datasheet
592Kb / 8P
   LED with Lens
8681 ETC2-8681 Datasheet
439Kb / 1P
   LED LENS CAPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com