Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCR03FX100 Datasheet(PDF) 4 Page - Rohm |
|
MCR03FX100 Datasheet(HTML) 4 Page - Rohm |
4 / 10 page MCR series Datasheet ● Land pattern example (Unit:mm) Dimensions A B C D Part No. MCR004 0.12 0.48 0.22 0.18 MCR006 0.3 0.84 0.3 0.27 MCR01 0.5 1.3 0.5 0.4 MCR03 1.0 2.0 0.8 0.5 MCR10 1.2 2.6 1.15 0.7 MCR18 2.2 4.0 1.5 0.9 MCR25 2.2 4.0 2.3 0.9 MCR50 3.8 6.0 2.3 1.1 MCR100 5.1 8.1 3.0 1.5 ● Derating curve When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below. ■MCR 004 / 100 ■MCR 006 / 01 / 03 / 10 / 18 / 25 / 50 ● Characteristics Test items Guaranteed value Test conditions Resistor type Jumper type Resistance See "Products list" 20℃ Variation of resistance with temperature See "Products list" Measurement:+25/-55, +25/+125℃ Overload ±(2.0%+0.1Ω) MAX. 50mΩ Test voltage is the smaller one of ① or ② ①Rated voltage(current)×2.5, 2s ②Maximumoverload voltage ※ Solderability A new uniformcoating of minimumof 95% of the surface being immersed and no soldering damage. Rosin-ethanol solution(25% weight) Soldering condition:245±5℃ Duration of immersion:2.0±0.5s Resistance to soldering heat ±(1.0%+0.05Ω) MAX. 50mΩ Soldering condition:260±5℃ Duration of immersion:10±1s No remarkable abnormality on the appearance. Rapid change of temperature ±(1.0%+0.05Ω) MAX. 50mΩ Test temp. -55℃~+125℃ 1000cycle(MCR01) -55℃~+125℃ 100cycle(MCR004/006) -55℃~+125℃ 5cycle(MCR03/10/18/25/50/100) Damp heat, steady state ±(3.0%+0.1Ω) MAX. 100mΩ 40℃,93%(Relative humidity) Test time:1,000h Endurance at 70℃ ±(3.0%+0.1Ω) MAX. 100mΩ Rated voltage(current),70℃±3℃ 1.5h:ON-0.5h:OFF Test time:1,000h Endurance ±(3.0%+0.1Ω) MAX. 100mΩ 125℃(MCR004/100) 155℃(MCR006/01/03/10/18/25/50) Test time:1,000h Resistance to solvent ±(1.0%+0.05Ω) MAX. 50mΩ 23±5℃, Immersion cleaning, 5±0.5min Solvent: 2-propanol Bend strength of the end face plating ±(1.0%+0.05Ω) MAX. 50mΩ - Without mechanical damage such as breaks. ※Maximum overload voltage (Test voltage) Compliance Standard(s) : IEC60115-8 MCR004 MCR006 MCR01 MCR03 MCR10 MCR18 MCR25 MCR50 MCR100 JISC 5201-8 30V 50V 100V 100V 200V 400V 400V 400V 400V www.rohm.com © 2016 ROHMCo., Ltd. All rights reserved. 4/6 2017.01 - Rev.M |
Número de pieza similar - MCR03FX100 |
|
Descripción similar - MCR03FX100 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |