Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0015474161 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0015474161
Descripción Electrónicos  SL Single Row, Female, Version C Receptacle, 16 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX1 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015474161 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015474161_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015474161_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015474161
Status:
Active
Overview:
SL™ Modular Connectors
Description:
SL™ Single Row, Female, Version C Receptacle, 16 Circuits
Documents:
3D Model
Packaging Specification PK-70873-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70430 (PDF)
Agency Certification
CSA
LR19880
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
70430
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800754620413
Physical
Circuits (Loaded)
16
Color - Resin
Black
Contact Position
N/A
Durability (mating cycles max)
50
Entry Angle
Vertical
Flammability
94V-0
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
1
Orientation
Vertical
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.381µm
Plating min - Termination
1.905µm
Polarized to PCB
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
1.0A, 2.0A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0001
Product Specification
PS-70430
Sales Drawing
SDA-70430-0211-0234
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
70430 Series
Mates With
SL™ Header 70541 , 70543 , 70545 , 70551
, 70553 , 70555 , 74099 , 70634 , 70107 ,
70018


Número de pieza similar - 0015474161_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015474161 MOLEX1-0015474161_17 Datasheet
37Kb / 2P
   SL Single Row, Female, Version C Receptacle, 16 Circuits
More results

Descripción similar - 0015474161_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0015388167 MOLEX1-0015388167_17 Datasheet
48Kb / 2P
   SL Single Row, Female, Version C Receptacle, 16 Circuits
0015474161 MOLEX1-0015474161_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version C Receptacle, 16 Circuits
0015388167 MOLEX1-0015388167_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version C Receptacle, 16 Circuits
0015474165 MOLEX1-0015474165_17 Datasheet
36Kb / 2P
   SL Single Row, Female, Version C Receptacle, 16 Circuits
0015474165 MOLEX1-0015474165_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version C Receptacle, 16 Circuits
0015388167 MOLEX1-0015388167 Datasheet
152Kb / 3P
   2.54mm (.100") C-Grid SL??Single Row, Female, Version C Receptacle, 16 Circuits
0015474165 MOLEX2-0015474165 Datasheet
151Kb / 3P
   2.54mm (.100) C-Grid SL??Single Row, Female, Version C Receptacle, 16 Circuits
0015474161 MOLEX2-0015474161 Datasheet
147Kb / 3P
   2.54mm (.100) C-Grid SL??Single Row, Female, Version C Receptacle, 16 Circuits
0015388027 MOLEX1-0015388027_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version C Receptacle, 2 Circuits
0015388107 MOLEX1-0015388107_18 Datasheet
37Kb / 2P
   SL Single Row, Female, Version C Receptacle, 10 Circuits
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com