Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M40E-034530RR0 Datasheet(PDF) 5 Page - SICK AG

No. de pieza M40E-034530RR0
Descripción Electrónicos  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

M40E-034530RR0 Datasheet(HTML) 5 Page - SICK AG

  M40E-034530RR0 Datasheet HTML 1Page - SICK AG M40E-034530RR0 Datasheet HTML 2Page - SICK AG M40E-034530RR0 Datasheet HTML 3Page - SICK AG M40E-034530RR0 Datasheet HTML 4Page - SICK AG M40E-034530RR0 Datasheet HTML 5Page - SICK AG M40E-034530RR0 Datasheet HTML 6Page - SICK AG M40E-034530RR0 Datasheet HTML 7Page - SICK AG M40E-034530RR0 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M40S-034510AR0, M40E-034530RR0 | M4000 Standard
MULTIPLE LIGHT BEAM SAFETY DEVICES
Dimensional drawing (Dimensions in mm (inch))
14
(0.55)
6
(0.24)
10.5
(0.41)
52 (2.05)
55.5 (2.19)
27.5
(1.08)
90°
Cable socket M12 angled
(only with AS-Interface:
aligned)
AS-Interface clip M12
(aligned)
Cable socket M12 with cable
(left) and cable plug M12 with
cable (right, optional, only on
receiver)
Laser warning label
(receiver with
integrated alignment
aid only)
Laser output opening
(receiver with
integrated alignment
aid only)
Optional (receiver only):
Design with integrated LED
Mounting ranges for the
brackets
Sliding nut groove for
side mounting
1
1
1
2
2
2
2017-08-24 18:11:25 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5


Número de pieza similar - M40E-034530RR0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
M40E-034530RT0 SICK-M40E-034530RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Descripción similar - M40E-034530RR0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com