Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS30S45CT-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

No. de pieza CS30S45CT-A
Descripción Electrónicos  30A MOS Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CITC [Chip Integration Technology Corporation]
Página de inicio  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS30S45CT-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CS30S45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS30S45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS30S45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
CS30S45CT-A
Document ID : DS-11KAJ
Revised Date : 2016/12/19
Revision : C7
Chip Integration Technology Corporation
30A MOS Schottky Rectifier
0.01
0.1
1
10
100
0
100
200
300
400
500
Instantaneous Forward Voltage, VF (mV)
Fig. 1 - Forward Characteristics
TA = 75oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 25oC
Per diode
TA = 150oC
0.01
0.1
1
10
100
0
10
20
30
40
50
60
Reverse Voltage, VR (V)
Fig. 2 - Reverse Characteristics
TA = 25oC
TA = 100oC
TA = 125oC
TA = 50oC
TA = 75oC
Per diode
0
1
2
3
4
5
6
7
0
5
10
15
20
Average Forward Current, IF (A)
Fig. 3 - Forward Power Dissipation
Per diode
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
125
150
Case Temperature, TC (oC)
Fig. 4 - Forward Current Derating Curve
Per diode
1
10
100
1000
10000
0
5
10
15
20
25
Reverse Voltage, VR (V)
Fig. 5 - Junction Capacitance
Per diode


Número de pieza similar - CS30S45CT-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
143Kb / 2P
   Surface Mount Schottky-Bridge Rectifiers
logo
Semikron International
CS30S SEMIKRON-CS30S Datasheet
200Kb / 2P
   Bridge rectifiers
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
115Kb / 2P
   Surface Mount Schottky-Bridge-Rectifiers
logo
Semikron International
CS30S SEMIKRON-CS30S Datasheet
204Kb / 2P
   Bridge rectifiers
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
135Kb / 2P
   ?쏶lim??Profile Surface Mount Schottky-Bridge-Rectifiers
More results

Descripción similar - CS30S45CT-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chip Integration Techno...
CSF30S60CT-A CITC-CSF30S60CT-A Datasheet
145Kb / 3P
   30A MOS Schottky Rectifier
CSF30L45CT-A CITC-CSF30L45CT-A Datasheet
506Kb / 3P
   30A MOS Schottky Rectifier
logo
PFC Device Inc.
PFR30L30CT PFC-PFR30L30CT Datasheet
772Kb / 7P
   30A 30V MOS Schottky Rectifier
PFR3045CT PFC-PFR3045CT Datasheet
774Kb / 7P
   30A 45V MOS Schottky Rectifier
PFR3060PT PFC-PFR3060PT Datasheet
660Kb / 6P
   30A 60V MOS Schottky Rectifier
PFR30150CT PFC-PFR30150CT Datasheet
775Kb / 7P
   30A 150V MOS Schottky Rectifier
PFR30A45CT PFC-PFR30A45CT Datasheet
775Kb / 5P
   30A 45V MOS Schottky Rectifier
PFR30A45PT PFC-PFR30A45PT Datasheet
663Kb / 6P
   30A 45V MOS Schottky Rectifier
PFR30L45CT PFC-PFR30L45CT Datasheet
774Kb / 7P
   30A 45V MOS Schottky Rectifier
PFR3060CT PFC-PFR3060CT Datasheet
772Kb / 7P
   30A 60V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com