Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSB20S45CT-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

No. de pieza CSB20S45CT-A
Descripción Electrónicos  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CITC [Chip Integration Technology Corporation]
Página de inicio  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSB20S45CT-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSB20S45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSB20S45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSB20S45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CSΒ20S4
G-A.
5CT
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
• Epoxy : UL94-V0 rated flame retardant.
• Case : JEDEC TO-220AB molded plastic body over
passivated chip.
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed.
.
• Polarity: Color band denotes cathode end
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
UNIT
-55 ~ +150
20
200
A
A
O C/W
O C
4
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
3
V
F
I
R
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
Marking code
O
I = 10A, T = 25 C
F
J
O
I = 10A, T = 125 C
F
J
440
470
O
I = 20A, T = 25 C
F
J
600
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
V
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
CSB20S45CT-A
CSB20S45CT
45
(per diode)
CSB20S45CT-A
Document ID : DS-11KDZ
Revised Date : 2015/08/11
Revision : C1
2
D PAK(TO-263)
Marking code
0.411(10.45)
0.380(9.65)
0.228(5.80)
0.173(4.40)
0.370(9.40)
0.320(8.13)
0.205(5.20)
0.189(4.80)
0.063(1.60)
0.024(0.60)
0.024(0.60)
0.011(0.28)
0.055(1.40)
0.045(1.14)
0.190(4.83)
0.160(4.06)
0~0.012(0~0.30)
0.110(2.79)
0.090(2.29)
0.055(1.40)
0.031(0.80)
PIN 1
PIN 3
PIN 2
1
3
2
0.245(6.22)
MIN
360
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Main Product Characteristics
I
F ( AV )
2x10A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.36V


Número de pieza similar - CSB20S45CT-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CSB200-883M ETC2-CSB200-883M Datasheet
1Mb / 1P
   3.5" Disk-Size SBC
CSB200-88811M ETC2-CSB200-88811M Datasheet
914Kb / 1P
   Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
logo
Chino-Excel Technology
CSB20C04 CET-CSB20C04 Datasheet
287Kb / 2P
   20 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - CSB20S45CT-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com