Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC1G126 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
74HC1G126 Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 16 page 2002 May 15 8 Philips Semiconductors Product specification Bus buffer/line driver; 3-state 74HC1G126; 74HCT1G126 AC WAVEFORMS handbook, halfpage MNA121 A input Y output tPHL tPLH GND VI VM VM Fig.5 The input (A) to output (Y) propagation delays. For HC1G: VM = 50%; VI = GND to VCC For HCT1G: VM = 1.3 V; VI = GND to 3.0 V. handbook, full pagewidth MNA129 tPLZ tPHZ output disabled output enabled VOH −0.3 V VOL +0.3 V output enabled output LOW-to-OFF OFF-to-LOW output HIGH-to-OFF OFF-to-HIGH OE input VI VCC VM GND GND tPZL tPZH VM VM Fig.6 The 3-state enable and disable times. For HC1G: VM = 50%; VI = GND to VCC For HCT1G: VM = 1.3 V; VI = GND to 3.0 V. |
Número de pieza similar - 74HC1G126 |
|
Descripción similar - 74HC1G126 |