Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT125DB Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74LVT125DB
Descripción Electrónicos  3.3 V quad buffer; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT125DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT125DB Datasheet HTML 1Page - NXP Semiconductors 74LVT125DB Datasheet HTML 2Page - NXP Semiconductors 74LVT125DB Datasheet HTML 3Page - NXP Semiconductors 74LVT125DB Datasheet HTML 4Page - NXP Semiconductors 74LVT125DB Datasheet HTML 5Page - NXP Semiconductors 74LVT125DB Datasheet HTML 6Page - NXP Semiconductors 74LVT125DB Datasheet HTML 7Page - NXP Semiconductors 74LVT125DB Datasheet HTML 8Page - NXP Semiconductors 74LVT125DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
9397 750 14703
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 10 February 2005
5 of 15
Philips Semiconductors
74LVT125
3.3 V quad buffer; 3-state
9.
Recommended operating conditions
10. Static characteristics
Table 6:
Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
3.6
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output current
-
-
−32
mA
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
≤ 50 %; f ≥ 1 kHz
--64
mA
∆t/∆V
input transition rise or fall
rate
0
-
10
ns/V
Tamb
ambient temperature
in free air
−40
-
+85
°C
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIK
input diode voltage
IIK = −18 mA; VCC = 2.7 V
-
−0.9
−1.2
V
VOH
HIGH-level output voltage
IOH = −100 µA;
VCC = 2.7 V to 3.6 V;
VCC − 0.2 VCC − 0.1 -
V
IOH = −8 mA; VCC = 2.7 V
2.4
2.5
-
V
IOH = −32 mA; VCC = 3.0 V
2.0
2.2
-
V
VOL
LOW-level output voltage
VCC = 2.7 V
IOL = 100 µA
-
0.1
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
ILI
input leakage current
all input pins
VCC = 0 V or 3.6 V; VI = 5.5 V
-
1
10
µA
control pins
VCC = 3.6 V; VCC or GND
-
±0.1
±1
µA
data pins
VCC = 3.6 V; VI =VCC
[2] -
0.1
1
µA
VCC = 3.6 V; VI =0V
[2] -
−1
−5
µA
IOFF
power-down output current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
1
±100
µA
IHOLD
bus hold current nA input
VCC = 3 V; VI = 0.8 V
[3] 75
150
-
µA
VCC = 3 V; VI = 2.0 V
−75
−150
-
µA
VCC = 0 V to 3.6 V; VI = 3.6 V
±500
-
-
µA


Número de pieza similar - 74LVT125DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT125DB PHILIPS-74LVT125DB Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
74LVT125DB NXP-74LVT125DB Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
More results

Descripción similar - 74LVT125DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVT125D-T NXP-74LVT125D-T Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVTH125 NEXPERIA-74LVTH125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT_LVTH125 PHILIPS-74LVT_LVTH125_15 Datasheet
106Kb / 16P
   3.3 V quad buffer; 3-state
Rev. 06-6 March 2006
74LVT126 PHILIPS-74LVT126_1 Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126 NEXPERIA-74LVT126 Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_15 Datasheet
99Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com