Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-A12P8T Datasheet(PDF) 7 Page - Rohm

No. de pieza SML-A12P8T
Descripción Electrónicos  Compact size side-view LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-A12P8T Datasheet(HTML) 7 Page - Rohm

Back Button SML-A12P8T Datasheet HTML 3Page - Rohm SML-A12P8T Datasheet HTML 4Page - Rohm SML-A12P8T Datasheet HTML 5Page - Rohm SML-A12P8T Datasheet HTML 6Page - Rohm SML-A12P8T Datasheet HTML 7Page - Rohm SML-A12P8T Datasheet HTML 8Page - Rohm SML-A12P8T Datasheet HTML 9Page - Rohm SML-A12P8T Datasheet HTML 10Page - Rohm SML-A12P8T Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
    
[Data Sheet]
■Taping(T86)
Unit:
mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags.
or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
[SML-A1x series]
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags
1. 4
4
2
11. 4
0.7
φ 1.5
+ 0.1
± 1
± 0.1
± 0.05
0
Pa ck in g
q ua nt it y
3 ,00 0p cs /r ee l
Pu ll
d ir ec ti on
± 0 .1
+0.1
- 0.07
*"-"will be taken out for emitting color
Special Code will be applied for
Chromaticity rank
Rank sign
WB/B/E series.
Emitting color WB/B/E series.
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type Emitting Color
Resin Color
Taping Specification
SML
P1
0
V
T
E1
1
U
W
D1
2
U2
B
H1
3
D
M1
4
Y3
01
5
Y2
notice)S1 series、81 seires
Z1/ZN
6
Y
A1
7
W
81/82
8
M2
K1
M
*Concerning the Brightness rank.
S1
F
*Please refer to the rank chart above for
P2
P
luminous intensity classification.
52
E
*Part name is individual for each rank.
P34
B
*When shipped as sample,the part name will
P36
WB
be a representative part name.
VN
T
General products are free of ranks.
RGB
Please contact sales if rank appointment
SCM
01
is needed.
1
S
M
L
A
2
U
8
T
T
Standard Type
Red
Transparent Colorless
T86 Cathode at sprocket hole side(the top)
1
Orange
6
P
8
3
For white LED,
csthode at sprocket hole side
Low Current Type
Red
Milkey White
T87 Anode at sprocket hole side(the top)
Chip LED
1.0x0.6 t=0.2mm
1.6x0.8 t=0.36mm
1.6x0.8 t=0.55mm
4.5x2.0 t=0.6mm
Yellowish green
Black
2.0x1.25 t=0.8mm
Ultra High Brightness type
3.0x2.0 t=1.3mm
3.5x2.8 t=1.9mm
High Brightness type
Yellowish green
Red
Yellow
Yellow
Yellow
Yellow
Cathode at sprocket hole side(the back)
1.6x1.15 t=0.55mm
T68 Cathode at sprocket hole side(the top)
3.4x1.25 t=1.1mm
T86
3.2x1.6 t=1.85mm
Green
1.0x1.0 t=0.2mm
Green
1.3x1.5 t=0.6mm
Green
1.0x1.0 t=0.2mm
Blue
1.5x1.0 t=0.2mm
White
3.5x2.8 t=0.6mm
Phototransistors
Red/Green/Blue
Chip LED
3.0x1.5 t=2.2mm
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
7/11
2017.7 - Rev.007


Número de pieza similar - SML-A12P8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A12P8T ROHM-SML-A12P8T Datasheet
111Kb / 3P
   Side View Chip LEDs
SML-A12P8T ROHM-SML-A12P8T Datasheet
1Mb / 4P
   Side-view type
SML-A12P8T ROHM-SML-A12P8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8T ROHM-SML-A12P8T Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-A12P8T ROHM-SML-A12P8T Datasheet
1Mb / 4P
   Compact size side-view LEDs
More results

Descripción similar - SML-A12P8T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com