Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-D12M1W Datasheet(PDF) 3 Page - Rohm

No. de pieza SML-D12M1W
Descripción Electrónicos  IV rank reduction products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-D12M1W Datasheet(HTML) 3 Page - Rohm

  SML-D12M1W Datasheet HTML 1Page - Rohm SML-D12M1W Datasheet HTML 2Page - Rohm SML-D12M1W Datasheet HTML 3Page - Rohm SML-D12M1W Datasheet HTML 4Page - Rohm SML-D12M1W Datasheet HTML 5Page - Rohm SML-D12M1W Datasheet HTML 6Page - Rohm SML-D12M1W Datasheet HTML 7Page - Rohm SML-D12M1W Datasheet HTML 8Page - Rohm SML-D12M1W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
    
[Data Sheet]
■Viewing Angle
Reference
[SML-D12x1 series]
SCANNING ANGLE (deg)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X - Y
Scanning
Direction
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X’ - Y’
Scanning
Direction
SML-D12V1W
SML-D12U1W
SML-D12D1W
SML-D12Y1W
SML-D12M1W
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
3/9
2017.6 - Rev.004


Número de pieza similar - SML-D12M1W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D12M1WT86 ROHM-SML-D12M1WT86 Datasheet
1Mb / 18P
   Yellow Green Surface Mount Chip LEDs featuring AlGaInP packed with milky white diffused resin.
2022.8 - Rev.004
More results

Descripción similar - SML-D12M1W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SLR-342MGT32 ROHM-SLR-342MGT32 Datasheet
878Kb / 4P
   Rank Reference of Brightness
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Tyco Electronics
C-169481-1 MACOM-C-169481-1 Datasheet
37Kb / 1P
   HAND TOOL ASSEMBLY FOR MODU IV Handzange fur modu IV
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
logo
Altera Corporation
EP4SE110 ALTERA-EP4SE110 Datasheet
407Kb / 40P
   Stratix IV Device
logo
National Semiconductor ...
DM74LS952 NSC-DM74LS952 Datasheet
149Kb / 8P
   Dual Rank 8-Bit TRI-STATE짰Shift Register
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com