Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-D12M1W Datasheet(PDF) 5 Page - Rohm

No. de pieza SML-D12M1W
Descripción Electrónicos  IV rank reduction products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-D12M1W Datasheet(HTML) 5 Page - Rohm

  SML-D12M1W Datasheet HTML 1Page - Rohm SML-D12M1W Datasheet HTML 2Page - Rohm SML-D12M1W Datasheet HTML 3Page - Rohm SML-D12M1W Datasheet HTML 4Page - Rohm SML-D12M1W Datasheet HTML 5Page - Rohm SML-D12M1W Datasheet HTML 6Page - Rohm SML-D12M1W Datasheet HTML 7Page - Rohm SML-D12M1W Datasheet HTML 8Page - Rohm SML-D12M1W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
    
[Data Sheet]
■Taping(T86)
Unit:
mm
Note)Tolerance is within ±0.2mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags.
or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
[SML-D12x1 series]
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags
1
2
± 0 .1
± 0. 05
φ 1.5
+ 0 .1
0
0.73
4
P ac k in g
qu a nt it y
3, 00 0 pc s/ r ee l
P ul l
d ir e ct io n
11.4
± 1
+ 0.1
- 0.0 7
+ 0.1
- 0.0 7
0 . 2
± 0 . 0 5
*"-"will be taken out for emitting color
Special Code will be applied for
Chromaticity rank
Rank sign
WB/B/E series.
Emitting color WB/B/E series.
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type Emitting Color
Resin Color
Taping Specification
SML
P1
0
V
T
E1
1
U
W
D1
2
U2
B
H1
3
D
M1
4
Y3
01
5
Y2
notice)S1 series、81 seires
Z1/ZN
6
Y
A1
7
W
81/82
8
M2
K1
M
*Concerning the Brightness rank.
S1
F
*Please refer to the rank chart above for
P2
P
luminous intensity classification.
52
E
*Part name is individual for each rank.
P34
B
*When shipped as sample,the part name will
P36
WB
be a representative part name.
VN
T
General products are free of ranks.
RGB
Please contact sales if rank appointment
SCM
01
is needed.
For white LED,
csthode at sprocket hole side
Transparent Colorless
T86 Cathode at sprocket hole side(the top)
Anode at sprocket hole side(the top)
Milkey White
T87
1
Black
3
Red/Green/Blue
3.0x1.5 t=2.2mm
3.5x2.8 t=0.6mm
Phototransistors
Chip LED
1.0x1.0 t=0.2mm
Blue
1.5x1.0 t=0.2mm
White
1.3x1.5 t=0.6mm
Green
3.2x1.6 t=1.85mm
Green
1.0x1.0 t=0.2mm
Green
4.5x2.0 t=0.6mm
Yellowish green
Cathode at sprocket hole side(the back)
1.6x1.15 t=0.55mm
T68 Cathode at sprocket hole side(the top)
T86
Ultra High Brightness type
3.0x2.0 t=1.3mm
3.5x2.8 t=1.9mm
Yellowish green
Yellow
3.4x1.25 t=1.1mm
2.0x1.25 t=0.8mm
Yellow
Yellow
Yellow
Orange
High Brightness type
Red
Chip LED
1.0x0.6 t=0.2mm
1.6x0.8 t=0.36mm
Red
1.6x0.8 t=0.55mm
Low Current Type
Red
P
Standard Type
1
S
M
L
D
6
2
V
1
W
T
8
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/9
2017.6 - Rev.004


Número de pieza similar - SML-D12M1W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D12M1WT86 ROHM-SML-D12M1WT86 Datasheet
1Mb / 18P
   Yellow Green Surface Mount Chip LEDs featuring AlGaInP packed with milky white diffused resin.
2022.8 - Rev.004
More results

Descripción similar - SML-D12M1W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SLR-342MGT32 ROHM-SLR-342MGT32 Datasheet
878Kb / 4P
   Rank Reference of Brightness
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Tyco Electronics
C-169481-1 MACOM-C-169481-1 Datasheet
37Kb / 1P
   HAND TOOL ASSEMBLY FOR MODU IV Handzange fur modu IV
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
logo
Altera Corporation
EP4SE110 ALTERA-EP4SE110 Datasheet
407Kb / 40P
   Stratix IV Device
logo
National Semiconductor ...
DM74LS952 NSC-DM74LS952 Datasheet
149Kb / 8P
   Dual Rank 8-Bit TRI-STATE짰Shift Register
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com