Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-D13DW Datasheet(PDF) 4 Page - Rohm

No. de pieza SML-D13DW
Descripción Electrónicos  Original device technology enables high brightness
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-D13DW Datasheet(HTML) 4 Page - Rohm

  SML-D13DW Datasheet HTML 1Page - Rohm SML-D13DW Datasheet HTML 2Page - Rohm SML-D13DW Datasheet HTML 3Page - Rohm SML-D13DW Datasheet HTML 4Page - Rohm SML-D13DW Datasheet HTML 5Page - Rohm SML-D13DW Datasheet HTML 6Page - Rohm SML-D13DW Datasheet HTML 7Page - Rohm SML-D13DW Datasheet HTML 8Page - Rohm SML-D13DW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
[SML-D13x(C) series]
Red(V, U)
(Ta=25ºC, IF=20mA)
Rank
AD
AE
AF
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
Iv (mcd)
4.5〜 5.6
5.6〜7.1 7.1〜 9 9〜11.2 11.2 〜14 14〜18 18〜22.4 22.4〜 28 28〜35.5 35.5〜45 45〜56 56〜 71 71〜90 90〜112 112〜140 140〜180
SML-D13VW(C)
SML-D13UW(C)
Orange(D)
(Ta=25ºC, IF=20mA)
Rank
AD
AE
AF
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
Iv (mcd)
4.5〜 5.6
5.6〜7.1 7.1〜 9 9〜11.2 11.2 〜14 14〜18 18〜22.4 22.4〜 28 28〜35.5 35.5〜45 45〜56 56〜 71 71〜90 90〜112 112〜140 140〜180
SML-D13DW(C)
Yellow(W)
(Ta=25ºC, IF=20mA)
Rank
AD
AE
AF
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
Iv (mcd)
4.5〜 5.6
5.6〜7.1 7.1〜 9 9〜11.2 11.2 〜14 14〜18 18〜22.4 22.4〜 28 28〜35.5 35.5〜45 45〜56 56〜 71 71〜90 90〜112 112〜140 140〜180
SML-D13WW(C)
Yellowish Green(M)
(Ta=25ºC, IF=20mA)
Rank
AD
AE
AF
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
Iv (mcd)
4.5〜 5.6
5.6〜7.1 7.1〜 9 9〜11.2 11.2 〜14 14〜18 18〜22.4 22.4〜 28 28〜35.5 35.5〜45 45〜56 56〜 71 71〜90 90〜112 112〜140 140〜180
SML-D13MW(C)
Green(F)
(Ta=25ºC, IF=20mA)
Rank
K2
L1
L2
M1
M2
N1
N2
P1
P2
Q1
Q2
R1
R2
S1S2T1
Iv (mcd)
4.5〜5.6 5.6〜7.1 7.1〜9
9〜11
11〜14 14〜18 18〜22 22〜28 28〜36 36〜45 45〜56 56〜71 71〜90 90〜110 110〜140 140〜180
SML-D13FW(C)
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
4/9
2017.8 - Rev.005


Número de pieza similar - SML-D13DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D13DW ROHM-SML-D13DW Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D13DWA ROHM-SML-D13DWA Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
More results

Descripción similar - SML-D13DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D11YW ROHM-SML-D11YW Datasheet
619Kb / 11P
   Original device technology enables high brightness
SML-D12V8W ROHM-SML-D12V8W Datasheet
537Kb / 11P
   Original device technology enables high brightness
SML-D15VW ROHM-SML-D15VW Datasheet
720Kb / 10P
   Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com