Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-A12DT Datasheet(PDF) 5 Page - Rohm

No. de pieza SML-A12DT
Descripción Electrónicos  Compact size side-view LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-A12DT Datasheet(HTML) 5 Page - Rohm

  SML-A12DT Datasheet HTML 1Page - Rohm SML-A12DT Datasheet HTML 2Page - Rohm SML-A12DT Datasheet HTML 3Page - Rohm SML-A12DT Datasheet HTML 4Page - Rohm SML-A12DT Datasheet HTML 5Page - Rohm SML-A12DT Datasheet HTML 6Page - Rohm SML-A12DT Datasheet HTML 7Page - Rohm SML-A12DT Datasheet HTML 8Page - Rohm SML-A12DT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
    
[Data Sheet]
■Viewing Angle
[SML-A1x series]
Reference
SCANNING ANGLE (deg)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
SCANNING ANGLE (deg)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X - Y
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X’ - Y’
SML-A12x(J) Series
SML-A12x8 Series
SMLA12EC6T
SML-A12EC6T
SML-A12x8 Series
SML-A12x(J) Series
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X - Y
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X - Y
SMLA13BC8T series
SMLA12WBC7W
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/11
2017.7 - Rev.007


Número de pieza similar - SML-A12DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A12DT ROHM-SML-A12DT Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-A12DT ROHM-SML-A12DT Datasheet
1Mb / 4P
   Side-view type
SML-A12DT ROHM-SML-A12DT Datasheet
123Kb / 3P
   Side View Chip LEDs
SML-A12DT ROHM-SML-A12DT Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12DT ROHM-SML-A12DT Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
More results

Descripción similar - SML-A12DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com