Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-D13MW Datasheet(PDF) 9 Page - Rohm

No. de pieza SML-D13MW
Descripción Electrónicos  Original device technology enables high brightness
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-D13MW Datasheet(HTML) 9 Page - Rohm

Back Button SML-D13MW Datasheet HTML 3Page - Rohm SML-D13MW Datasheet HTML 4Page - Rohm SML-D13MW Datasheet HTML 5Page - Rohm SML-D13MW Datasheet HTML 6Page - Rohm SML-D13MW Datasheet HTML 7Page - Rohm SML-D13MW Datasheet HTML 8Page - Rohm SML-D13MW Datasheet HTML 9Page - Rohm SML-D13MW Datasheet HTML 10Page - Rohm SML-D13MW Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
    
[Data Sheet]
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
Condition ) Temp. of iron top less than
400℃ within 3 sec.
Heating on PCB pattern, not direct to the
LED. (Fig-1)
ITEM
a)
Heating method
furnaces vary by customerʼs own conditions.
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
②HAND SOLDERING CONDITION
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
※Above conditions are for reference. Therefore, evaluate by customerʼs own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
tP
Time for peak temperature
[SML-D13x(C) series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
Temperature
Under 30℃ within 3 minutes
ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
230〜260℃
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
tL
Retention time for TL Within 40sec.
TP
Peak temperature
260℃(Max)
Fig‐1
SOLDERING
LAND
SOLDERING IRON
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/9
2017.8 - Rev.005


Número de pieza similar - SML-D13MW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D13MW ROHM-SML-D13MW Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D13MWA ROHM-SML-D13MWA Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
More results

Descripción similar - SML-D13MW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML-D11YW ROHM-SML-D11YW Datasheet
619Kb / 11P
   Original device technology enables high brightness
SML-D12V8W ROHM-SML-D12V8W Datasheet
537Kb / 11P
   Original device technology enables high brightness
SML-D15VW ROHM-SML-D15VW Datasheet
720Kb / 10P
   Original device technology enables high brightness
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com