Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-P13FT Datasheet(PDF) 3 Page - Rohm

No. de pieza SML-P13FT
Descripción Electrónicos  Ultra compact, thin size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-P13FT Datasheet(HTML) 3 Page - Rohm

  SML-P13FT Datasheet HTML 1Page - Rohm SML-P13FT Datasheet HTML 2Page - Rohm SML-P13FT Datasheet HTML 3Page - Rohm SML-P13FT Datasheet HTML 4Page - Rohm SML-P13FT Datasheet HTML 5Page - Rohm SML-P13FT Datasheet HTML 6Page - Rohm SML-P13FT Datasheet HTML 7Page - Rohm SML-P13FT Datasheet HTML 8Page - Rohm SML-P13FT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
Reference
[SML-P12x/P13x series]
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
-40
10
60
110
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
1
10
100
2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3.8 4
FORWARD VOLTAGE : VF [V]
Ta=25ºC
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
SMLP13WBC9W
0.4
0.6
0.8
1
1.2
1.4
1.6
-40-30-20-10 0 10 20 30 40 50 60 70 80 90100
I
F=5mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
SMLP13WBC9W
SMLP13EC8T
SMLP13BC8T
SCMP13WBC8W
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
3/10
2017.8 - Rev.006


Número de pieza similar - SML-P13FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-P1 ROHM-SML-P1 Datasheet
1Mb / 4P
   Ultra compact
SML-P11DT ROHM-SML-P11DT Datasheet
127Kb / 3P
   Low Current Type
SML-P11DT ROHM-SML-P11DT Datasheet
1Mb / 4P
   Ultra compact
SML-P11DT ROHM-SML-P11DT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P11DT ROHM-SML-P11DT Datasheet
122Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type
More results

Descripción similar - SML-P13FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com