Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SML-S13DT Datasheet(PDF) 2 Page - Rohm

No. de Pieza. SML-S13DT
Descripción  Surface mount Lens LEDs
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

SML-S13DT Datasheet(HTML) 2 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
[SML-S1x series]
Reference
0
5
10
15
30
25
20
1.5
1.0
0.5
0
0.2
-40
-20
0
20
40
60
80
100
1.6
1.4
1.2
1.0
0.8
0.6
0.4
100
10
1
1.6
1.8
2.0
2.2
Ta=25ºC
FORWARD VOLTAGE : VF [V]
I
F=20mA
ATMOSPHERE TEMPERATURE : Ta [ºC]
Ta=25ºC
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
0
40
30
20
10
-40
-20
0
20
40
60
80
100
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
2/10
2017.5 - Rev.006


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn