Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SML-Z14BGT Datasheet(PDF) 6 Page - Rohm |
|
SML-Z14BGT Datasheet(HTML) 6 Page - Rohm |
6 / 12 page [Data Sheet] ■Taping(T86) Unit: mm Note)Tolerance is within ±0.2mm unless otherwise specified. ■Part No. Construction ■Packing Specification ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags. or enclosing the humidity indication card inside the bag is available upon request. Please contact the nearest sales office or distributer if necessary. [SML-Z14x(C) series] Pasting the moisture sensitive label on the outer surface of the moisture-proof bags 3 . 0 5 4 2 1 1 . 4 2 . 3 ± 0.1 ±0. 05 ± 1 φ 1 . 5 +0. 1 0 C a t h o d e i n d e x Pa ck ing qu an tit y 2 ,00 0p cs/ re ll Pu ll di rec ti on ±0 .1 ±0 .1 *"-"will be taken out for emitting color Special Code will be applied for Chromaticity rank Rank sign WB/B/E series. Emitting color WB/B/E series. (for white LED) (Brightness Rank)* Series name Package Type Chip type Emitting Color Resin Color Taping Specification SML P1 0 V T E1 1 U W D1 2 U2 B H1 3 D M1 4 Y3 01 5 Y2 notice)S1 series、81 seires Z1/ZN 6 Y A1 7 W 81/82 8 M2 K1 M *Concerning the Brightness rank. S1 F *Please refer to the rank chart above for P2 P luminous intensity classification. 52 E *Part name is individual for each rank. P34 B *When shipped as sample,the part name will P36 WB be a representative part name. VN T General products are free of ranks. RGB Please contact sales if rank appointment SCM 01 is needed. Red/Green/Blue Chip LED 3.0x1.5 t=2.2mm 1.0x1.0 t=0.2mm Blue 1.5x1.0 t=0.2mm White 3.5x2.8 t=0.6mm Phototransistors 3.2x1.6 t=1.85mm Green 1.0x1.0 t=0.2mm Green 1.3x1.5 t=0.6mm Green Black 2.0x1.25 t=0.8mm Ultra High Brightness type 3.0x2.0 t=1.3mm 3.5x2.8 t=1.9mm T86 1.6x1.15 t=0.55mm T68 3.4x1.25 t=1.1mm Yellowish green Yellowish green Chip LED 1.0x0.6 t=0.2mm 1.6x0.8 t=0.36mm 1.6x0.8 t=0.55mm High Brightness type 4.5x2.0 t=0.6mm Yellow Cathode at sprocket hole side(the top) Low Current Type Red Milkey White T87 Anode at sprocket hole side(the top) Red 1 For white LED, Orange 3 csthode at sprocket hole side Yellow Yellow Yellow Cathode at sprocket hole side(the back) 6 P Standard Type Red Transparent Colorless T86 Cathode at sprocket hole side(the top) 4 Y 4 T T 8 1 S M L - Z ________________________________________________________ www.rohm.com ©2016 ROHM Co., Ltd. All rights reserved 6/10 2017.7 - Rev.005 |
Número de pieza similar - SML-Z14BGT |
|
Descripción similar - SML-Z14BGT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |