Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-Z14FT Datasheet(PDF) 3 Page - Rohm

No. de pieza SML-Z14FT
Descripción Electrónicos  High brightness
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14FT Datasheet(HTML) 3 Page - Rohm

  SML-Z14FT Datasheet HTML 1Page - Rohm SML-Z14FT Datasheet HTML 2Page - Rohm SML-Z14FT Datasheet HTML 3Page - Rohm SML-Z14FT Datasheet HTML 4Page - Rohm SML-Z14FT Datasheet HTML 5Page - Rohm SML-Z14FT Datasheet HTML 6Page - Rohm SML-Z14FT Datasheet HTML 7Page - Rohm SML-Z14FT Datasheet HTML 8Page - Rohm SML-Z14FT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
    
[Data Sheet]
■Electrical Characteristics Curves
Fig.1 Forward Current
Fig.2 Luminous Intensity -
- Forward Voltages
     Atmosphere Temperature
Fig.3 Luminous Intensity - Forward Current
Fig.4 Derating
Reference
[SML-Z14x(C) series]
0
10
20
30
40
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
SMLZ14EGT(C)
SMLZ14BGT(C)
0.0
0.5
1.0
1.5
0
5
10
15
20
25
30
SMLZ14EGT(C)
SMLZ14BGT(C)
0.4
0.6
0.8
1
1.2
1.4
1.6
-40-30-20-10 0 10 20 30 40 50 60 70 80 90 100
SMLZ14EGT(C)
SMLZ14BGT(C)
1
10
100
2.0
2.5
3.0
3.5
4.0
SMLZ14EGT(C)
SMLZ14BGT(C)
Ta=25ºC
I
F=20mA
Ta=25ºC
FORWARD VOLTAGE : VF [V]
ATMOSPHERE TEMPERATURE : Ta [ºC]
FORWARD CURRENT : IF [mA]
AMBIENT TEMPERATURE : Ta [ºC]
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
3/10
2017.7 - Rev.005


Número de pieza similar - SML-Z14FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-Z14FT ROHM-SML-Z14FT Datasheet
1Mb / 5P
   High brightness
SML-Z14FT ROHM-SML-Z14FT Datasheet
1Mb / 5P
   High brightness
SML-Z14FT ROHM-SML-Z14FT Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z14FT1P ROHM-SML-Z14FT1P Datasheet
1Mb / 5P
   High brightness
SML-Z14FTA ROHM-SML-Z14FTA Datasheet
730Kb / 11P
   20/50mA guaranteed specifications
More results

Descripción similar - SML-Z14FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
   High Brightness Type
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
   HIGH BRIGHTNESS COLOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com