Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS82582D38GE-400 Datasheet(PDF) 6 Page - GSI Technology

No. de pieza GS82582D38GE-400
Descripción Electrónicos  288Mb SigmaQuad-II 288Mb SigmaQuad-II
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582D38GE-400 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS82582D38GE-400 Datasheet HTML 2Page - GSI Technology GS82582D38GE-400 Datasheet HTML 3Page - GSI Technology GS82582D38GE-400 Datasheet HTML 4Page - GSI Technology GS82582D38GE-400 Datasheet HTML 5Page - GSI Technology GS82582D38GE-400 Datasheet HTML 6Page - GSI Technology GS82582D38GE-400 Datasheet HTML 7Page - GSI Technology GS82582D38GE-400 Datasheet HTML 8Page - GSI Technology GS82582D38GE-400 Datasheet HTML 9Page - GSI Technology GS82582D38GE-400 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 4/2016
6/27
© 2012, GSI Technology
GS82582D20/38GE-550/500/450/400
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaQuad-II+ SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to
VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be
5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously is
between 175
 and 350. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts
in supply voltage and temperature. The SRAM’s output impedance circuitry compensates for drifts in supply voltage and
temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance
evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is
implemented with discrete binary weighted impedance steps.
Input Termination Impedance Control
These SigmaQuad-II+ SRAMs are supplied with programmable input termination on Data (D), Byte Write (BW), and Clock (K/K)
input receivers. Input termination can be enabled or disabled via the ODT pin (6R). When the ODT pin is tied Low (or left
floating —the pin has a small pull-down resistor), input termination is disabled. When the ODT pin is tied High, input termination
is enabled. Termination impedance is programmed via the same RQ resistor (connected between the ZQ pin and VSS) used to
program output driver impedance, and is nominally RQ*0.6 Thevenin-equivalent when RQ is between 175
 and 250. Periodic
readjustment of the termination impedance occurs to compensate for drifts in supply voltage and temperature, in the same manner
as for driver impedance (see above).
Note:
When ODT = 1, Data (D), Byte Write (BW), and Clock (K, K) input termination is always enabled. Consequently, D, BW, K, K
inputs should always be driven High or Low; they should never be tri-stated (i.e., in a High-Z state). If the inputs are tri-stated, the
input termination will pull the signal to VDDQ/2 (i.e., to the switch point of the diff-amp receiver), which could cause the receiver
to enter a meta-stable state, resulting in the receiver consuming more power than it normally would. This could result in the
device’s operating currents being higher.
Power-Up Initialization
After power-up, stable input clocks must be applied to the device for 20
s prior to issuing read and write commands. See the tKInit
timing parameter in the AC Electrical Characteristics section.
Note:
The tKInit requirement is independent of the tLock requirement, which specifies how many cycles of stable input clocks (2048)
must be applied after the Doff pin has been driven High in order to ensure that the DLL locks properly (and the DLL must lock
properly before issuing read and write commands). However, tKInit is greater than tKLock, even at the slowest permitted cycle time
of 8.4 ns (2048*8.4 ns = 17.2
s). Consequently, the 20 s associated with tKInit is sufficient to cover the tKLock requirement at
power-up if the Doff pin is driven High prior to the start of the 20
s period.
Also, tKInit only needs to be met once, immediately after power-up, whereas tKLock must be met any time the DLL is disabled/reset
(whether by toggling Doff Low or by stopping K clocks for > 30 ns).


Número de pieza similar - GS82582D38GE-400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
More results

Descripción similar - GS82582D38GE-400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS82582D38GE-400I GSI-GS82582D38GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT38GE-450I GSI-GS82582DT38GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-IIBurst of 4 SRAM
GS82582D20GE-400I GSI-GS82582D20GE-400I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450 GSI-GS82582DT20GE-450 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-450I GSI-GS82582DT20GE-450I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582DT20GE-550I GSI-GS82582DT20GE-550I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582D20GE-500I GSI-GS82582D20GE-500I Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
GS82582Q20GE-500I GSI-GS82582Q20GE-500I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582Q20GE-450I GSI-GS82582Q20GE-450I Datasheet
436Kb / 25P
   288Mb SigmaQuad-II Burst of 2 SRAM
GS82582D20 GSI-GS82582D20 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com