Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8662Q10BD-250 Datasheet(PDF) 2 Page - GSI Technology

No. de pieza GS8662Q10BD-250
Descripción Electrónicos  72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662Q10BD-250 Datasheet(HTML) 2 Page - GSI Technology

  GS8662Q10BD-250 Datasheet HTML 1Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 2Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 3Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 4Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 5Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 6Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 7Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 8Page - GSI Technology GS8662Q10BD-250 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
8M x 8 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
NW1
K
NC/SA
(144Mb)
R
SA
SA
CQ
B
NC
NC
NC
SA
NC/SA
(288Mb)
K
NW0
SA
NC
NC
Q3
C
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
D3
D
NC
D4
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q4
VDDQ
VSS
VSS
VSS
VDDQ
NC
D2
Q2
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D5
Q5
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q1
D1
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q6
D6
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q0
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D0
N
NC
D7
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q7
SA
SA
QVLD
SA
SA
NC
NC
NC
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm Body—1 mm Bump Pitch
Notes:
1. NW0 controls writes to D0:D3. NW1 controls writes to D4:D7.
2. Pins A7 and B5 are the expansion addresses.
GS8662Q07/10/19/37BD-357/333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
2/28
© 2011, GSI Technology


Número de pieza similar - GS8662Q10BD-250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8662Q10BD-250I GSI-GS8662Q10BD-250I Datasheet
502Kb / 28P
   Dual Double Data Rate interface
More results

Descripción similar - GS8662Q10BD-250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8662Q10BGD-300I GSI-GS8662Q10BGD-300I Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662D38BD-550 GSI-GS8662D38BD-550 Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT10BGD-333I GSI-GS8662DT10BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT37BD-300I GSI-GS8662DT37BD-300I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT37BGD-333I GSI-GS8662DT37BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT38BD-500I GSI-GS8662DT38BD-500I Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662D10BD-400I GSI-GS8662D10BD-400I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8672D38BGE-400 GSI-GS8672D38BGE-400 Datasheet
483Kb / 30P
   72Mb SigmaQuad-IITM72Mb SigmaQuad-IITM
GS8662D19BD-300I GSI-GS8662D19BD-300I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D07BD-350 GSI-GS8662D07BD-350 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com