Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSP1045S-A Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

No. de pieza CSP1045S-A
Descripción Electrónicos  Super Low Barrier High Voltage Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CITC [Chip Integration Technology Corporation]
Página de inicio  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSP1045S-A Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  CSP1045S-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSP1045S-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSP1045S-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Reverse Voltage,V (V)
R
Fig. 2 - Instantaneous Forward
Characteristics
Fig. 3 - Reverse Characteristics
Instantaneous Forward Voltage,V (Volts)
F
Fig.4 - Forward Current Derating Curve
O
Case Temperature,T ( C)
C
Fig. 1 - Forward Power Dissipation
Average Forward Current,I
(A)
F ( AV )
Fig. 6 - Maximum Avalanche Power Curve
Pulse Duration,T (us)
P
Fig. 5 - Total Capacitance VS.
Reverse Voltage
Reverse Voltage,V (V)
R
25
50
75
100
125
150
175
12
8
4
0
0
2
4
6
1.8
1.6
1.2
0.8
0.4
0
0.1
1
10
100
10000
1000
100
f = 1MHz
10000
1000
100
10
0
1
10
100
1000
10000
100
10
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
T =25°C
A
T =100°C
A
T =125°C
A
T =75°C
A
T =150°C
A
0
5
10
15
20
25
30
35
40
45
100
10
1
0.1
0.01
O
T =25 C
A
O
T =75 C
A
O
T =100 C
A
O
T =125 C
A
O
T =50 C
A
CSP1045S-A
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier
Document ID : DS-12KCJ
Revised Date : 2015/08/11
Revision : C3


Número de pieza similar - CSP1045S-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chip Integration Techno...
CSP10200SG-A CITC-CSP10200SG-A Datasheet
504Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
937Kb / 64P
   CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
CSP1027 AGERE-CSP1027 Datasheet
48Kb / 4P
   Host-Based Controller V.92 Modem Chip Set
CSP1034C AGERE-CSP1034C Datasheet
48Kb / 4P
   Host-Based Controller V.92 Modem Chip Set
CSP1034C-T11 AGERE-CSP1034C-T11 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
More results

Descripción similar - CSP1045S-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chip Integration Techno...
CS20S60CT-A CITC-CS20S60CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30L50CT-A CITC-CS30L50CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S60CT-A CITC-CS30S60CT-A Datasheet
480Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS30S100CT-A CITC-CS30S100CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CS3060CT-A CITC-CS3060CT-A Datasheet
468Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10L150CT-A CITC-CSF10L150CT-A Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10S100CT CITC-CSF10S100CT Datasheet
469Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L100CT CITC-CSF30L100CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF30L150CT CITC-CSF30L150CT Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF2060CT-A CITC-CSF2060CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
CSF10100CT-A CITC-CSF10100CT-A Datasheet
470Kb / 3P
   Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com