Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1206 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BF1206
Descripción Electrónicos  Dual N-channel dual-gate MOS-FET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1206 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF1206 Datasheet HTML 1Page - NXP Semiconductors BF1206 Datasheet HTML 2Page - NXP Semiconductors BF1206 Datasheet HTML 3Page - NXP Semiconductors BF1206 Datasheet HTML 4Page - NXP Semiconductors BF1206 Datasheet HTML 5Page - NXP Semiconductors BF1206 Datasheet HTML 6Page - NXP Semiconductors BF1206 Datasheet HTML 7Page - NXP Semiconductors BF1206 Datasheet HTML 8Page - NXP Semiconductors BF1206 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
2003 Nov 17
5
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
DYNAMIC CHARACTERISTICS AMPLIFIER a
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 18 mA; unless otherwise specified.
Notes
1. Calculated from measured s-parameters.
2. Measured in Fig.35 test circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
pulsed; Tj =25 °C
333848mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
2.4
2.9
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
3.2
pF
Coss
output capacitance
f = 1 MHz
1.1
pF
Crss
reverse transfer capacitance f = 1 MHz
15
30
fF
NF
noise figure
f = 11 MHz; GS = 20 mS; BS =0
3
dB
f = 400 MHz; YS =YS opt
1.3
1.9
dB
f = 800 MHz; YS =YS opt
1.6
2.2
dB
Gtr
power gain
f = 200 MHz; GS = 2 mS; BS =BS opt;
GL = 0.5 mS; BL =BL opt; note 1
35
dB
f = 400 MHz; GS = 2 mS; BS =BS opt;
GL = 1 mS; BL =BL opt; note 1
30
dB
f = 800 MHz; GS = 3.3 mS; BS =BS opt;
GL = 1 mS; BL =BL opt; note 1
23
dB
Xmod
cross-modulation
input level for k = 1%; fw = 50 MHz;
funw = 60 MHz; note 2
at 0 dB AGC
90
−−
dB
µV
at 10 dB AGC
92
dB
µV
at 40 dB AGC
102
105
dB
µV


Número de pieza similar - BF1206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1206 NXP-BF1206 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1206F PHILIPS-BF1206F Datasheet
201Kb / 20P
   Dual N-channel dual gate MOSFET
Rev. 01-30 January 2006
logo
Quanzhou Jinmei Electro...
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1206F_2015 JMNIC-BF1206F_2015 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results

Descripción similar - BF1206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com