Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1206 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BF1206
Descripción Electrónicos  Dual N-channel dual-gate MOS-FET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1206 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF1206 Datasheet HTML 1Page - NXP Semiconductors BF1206 Datasheet HTML 2Page - NXP Semiconductors BF1206 Datasheet HTML 3Page - NXP Semiconductors BF1206 Datasheet HTML 4Page - NXP Semiconductors BF1206 Datasheet HTML 5Page - NXP Semiconductors BF1206 Datasheet HTML 6Page - NXP Semiconductors BF1206 Datasheet HTML 7Page - NXP Semiconductors BF1206 Datasheet HTML 8Page - NXP Semiconductors BF1206 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2003 Nov 17
3
Philips Semiconductors
Product specification
Dual N-channel dual-gate MOS-FET
BF1206
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Ts is the temperature at the soldering point of the source lead.
THERMAL CHARACTERISTICS
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BF1206
plastic surface mounted package; 6 leads
SOT363
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per MOS-FET; unless otherwise specified
VDS
drain-source voltage
6V
ID
drain current (DC)
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
Ts ≤ 107 °C; note 1
180
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
240
K/W


Número de pieza similar - BF1206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1206 NXP-BF1206 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1206F PHILIPS-BF1206F Datasheet
201Kb / 20P
   Dual N-channel dual gate MOSFET
Rev. 01-30 January 2006
logo
Quanzhou Jinmei Electro...
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1206F_2015 JMNIC-BF1206F_2015 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results

Descripción similar - BF1206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF1205C PHILIPS-BF1205C Datasheet
171Kb / 22P
   Dual N-channel dual gate MOS-FET
Rev. 01-18 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com