Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4053MT Datasheet(PDF) 9 Page - Texas Instruments |
|
|
CD74HC4053MT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 26 page 9 Switching Specifications VCC = 5V, TA = 25oC, Input tr, tr = 6ns PARAMETER CL (pF) TYPICAL UNITS 4051 4052 4053 HC HCT HC HCT HC HCT Propagation Delay Switch IN to OUT, tPHL, tPLH 15 444444 ns Switch Turn-Off (S or E), tPHZ, tPLZ 15 19 19 21 21 18 18 ns Switch Turn-On (S or E), tPZH, tPZL 15 19 23 27 29 18 20 ns Power Dissipation Capacitance, CPD (Note 6) - 50 52 74 76 38 42 pF NOTE: 6. CPD is used to determine the dynamic power consumption, per package. PD = CPD VCC 2 f I + ∑ (CL + CS) VCC 2 f O fO = output frequency fI = input frequency CL = output load capacitance CS = switch capacitance VCC = supply voltage Switching Specifications CL = 50pF, Input tr, tr = 6ns PARAMETER VEE (V) VCC (V) AMBIENT TEMPERATURE, TA UNITS 25oC -40oC - 85oC -55oC - 125oC HC HCT HC HCT HC HCT MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX Propagation Delay, Switch In to Out, tPLH, tPHL 0 2 - 60 --- 75 --- 90 -- ns 0 4.5 - 12 - 12 - 15 - 15 - 18 - 18 ns 0 6 - 10 --- 13 --- 15 -- ns -4.5 4.5 - 8 - 8 - 10 - 10 - 12 - 12 ns Maximum Switch Turn “Off” Delay from S or E to Switch Output tPHZ, tPLZ 4051 0 2 - 225 - - - 280 - - - 340 - - ns 0 4.5 - 45 - 45 - 56 - 56 - 68 - 68 ns 0 6 - 38 --- 48 --- 57 -- ns -4.5 4.5 - 32 - 32 - 40 - 40 - 48 - 48 ns 4052 0 2 - 250 - - - 315 - - - 375 - - ns 0 4.5 - 50 - 50 - 63 - 63 - 75 - 75 ns 0 6 - 43 --- 54 --- 65 -- ns -4.5 4.5 - 38 - 38 - 48 - 48 - 57 - 57 ns 4053 0 2 - 210 - - - 265 - - - 315 - - ns 0 4.5 - 42 - 44 - 53 - 55 - 63 - 66 ns 0 6 - 36 --- 45 --- 54 -- ns -4.5 4.5 - 29 - 31 - 36 - 39 - 44 - 47 ns ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 |
Número de pieza similar - CD74HC4053MT |
|
Descripción similar - CD74HC4053MT |