Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5398 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza 1N5398
Descripción Electrónicos  1.5A SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N5398 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N5398 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N5398 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
1N5391 – 1N5399
1.5A SILICON RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
5391
1N
5392
1N
5393
1N
5395
1N
5397
1N
5398
1N
5399
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
30
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
50
K/W
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
1N5391 – 1N5399
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-15
Dim
Min
Max
A
24.5
B
5.50
7.62
C
0.60
0.80
D
2.60
3.60
All Dimensions in mm
Alldatasheet


Número de pieza similar - 1N5398

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
1N5398 YANGJIE-1N5398 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Pan Jit International I...
1N5398 PANJIT-1N5398 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Compact Technology Corp...
1N5398 CTC-1N5398 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
1N5398 CTC-1N5398 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-15)
logo
Dc Components
1N5398 DCCOM-1N5398 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Descripción similar - 1N5398

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1N5391 ETC2-1N5391 Datasheet
268Kb / 2P
   1.5A SILICON RECTIFIER
logo
Won-Top Electronics
1N5391 WTE-1N5391 Datasheet
45Kb / 3P
   1.5A SILICON RECTIFIER
logo
NTE Electronics
NTE5304 NTE-NTE5304 Datasheet
17Kb / 2P
   Silicon Bridge Rectifier, 1.5A
logo
Frontier Electronics.
GP15-005R FRONTIER-GP15-005R Datasheet
121Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
GP15-005G FRONTIER-GP15-005G Datasheet
120Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Diodes Incorporated
1N5391 DIODES-1N5391_1 Datasheet
64Kb / 3P
   1.5A RECTIFIER
DS28003 Rev. 6 - 2
1N5391 DIODES-1N5391 Datasheet
58Kb / 2P
   1.5A RECTIFIER
DS28003 Rev. D-2
logo
Sanyo Semicon Device
DSB15T SANYO-DSB15T Datasheet
49Kb / 2P
   1.5A Power Rectifier
logo
Zibo Seno Electronic En...
RB151 ZSELEC-RB151 Datasheet
163Kb / 2P
   1.5A BRIDGE RECTIFIER
logo
Won-Top Electronics
W005M WTE-W005M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com