Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8342Q36BD-333I Datasheet(PDF) 5 Page - GSI Technology

No. de pieza GS8342Q36BD-333I
Descripción Electrónicos  36Mb SigmaQuad-IITM Burst of 2 SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342Q36BD-333I Datasheet(HTML) 5 Page - GSI Technology

  GS8342Q36BD-333I Datasheet HTML 1Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 2Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 3Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 4Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 5Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 6Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 7Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 8Page - GSI Technology GS8342Q36BD-333I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
4M x 9 SigmaQuad-II SRAM — Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA
(72Mb)
SA
W
NC
K
NC/SA
(144Mb)
R
SA
SA
CQ
B
NC
NC
NC
SA
NC/SA
(288Mb)
K
BW0
SA
NC
NC
Q4
C
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
D4
D
NC
D5
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q5
VDDQ
VSS
VSS
VSS
VDDQ
NC
D3
Q3
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D6
Q6
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q2
D2
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q7
D7
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q1
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D1
N
NC
D8
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q8
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—13 x 15 mm Body—1 mm Bump Pitch
Notes:
1. BW0 controls writes to DQ:D8.
2. A2, A7, and B5 are the expansion addresses.
GS8342Q08/09/18/36BD-357/333/300/250
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
5/34
© 2011, GSI Technology


Número de pieza similar - GS8342Q36BD-333I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8342Q36E-167 GSI-GS8342Q36E-167 Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-167I GSI-GS8342Q36E-167I Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-200 GSI-GS8342Q36E-200 Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-200I GSI-GS8342Q36E-200I Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
GS8342Q36E-250 GSI-GS8342Q36E-250 Datasheet
1Mb / 34P
   36Mb SigmaQuad-II Burst of 4 SRAM
More results

Descripción similar - GS8342Q36BD-333I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8342Q09BD-300I GSI-GS8342Q09BD-300I Datasheet
666Kb / 34P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342D08BGD-250 GSI-GS8342D08BGD-250 Datasheet
580Kb / 34P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342D08BD-400 GSI-GS8342D08BD-400 Datasheet
580Kb / 34P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342T08 GSI-GS8342T08 Datasheet
494Kb / 35P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582Q36GE-333I GSI-GS82582Q36GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q18E-250I GSI-GS82582Q18E-250I Datasheet
625Kb / 31P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BGD-167 GSI-GS8182Q36BGD-167 Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS82582Q18GE-333I GSI-GS82582Q18GE-333I Datasheet
484Kb / 32P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com