Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD12-05S4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FDD12-05S4
Descripción Electrónicos  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FDD12-05S4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDD12-05S4 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD12-05S4 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD12-05S4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTER
FDD12 SERIES
10 ~ 12W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
FDD12 – 03 S 4
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Single Output Models
FDD12 - 03S4
10~36 VDC
10 WATTS
+3.3 VDC
3000 mA
75%
FB
FDD12 - 05S4
10~36 VDC
12 WATTS
+ 5 VDC
2400 mA
77%
FB
FDD12 - 12S4
10~36 VDC
12 WATTS
+ 12 VDC
1000 mA
77%
FB
FDD12 - 15S4
10~36 VDC
12 WATTS
+ 15 VDC
800 mA
77%
FB
FDD12 - 03S5
18~72 VDC
10 WATTS
+3.3 VDC
3000 mA
77%
FB
FDD12 - 05S5
18~72 VDC
12 WATTS
+ 5 VDC
2400 mA
77%
FB
FDD12 - 12S5
18~72 VDC
12 WATTS
+ 12 VDC
1000 mA
77%
FB
FDD12 - 15S5
18~72 VDC
12 WATTS
+ 15 VDC
800 mA
77%
FB
Dual Output Models
FDD12 - 05D4
10~36 VDC
12 WATTS
± 5 VDC
± 1200 mA
77%
FB
FDD12 - 12D4
10~36 VDC
12 WATTS
± 12 VDC
± 500 mA
77%
FB
FDD12 - 15D4
10~36 VDC
12 WATTS
± 15 VDC
± 400 mA
77%
FB
FDD12 - 05D5
18~72 VDC
12 WATTS
± 5 VDC
± 1200 mA
77%
FB
FDD12 - 12D5
18~72 VDC
12 WATTS
± 12 VDC
± 500 mA
77%
FB
FDD12 - 15D5
18~72 VDC
12 WATTS
± 15 VDC
± 400 mA
77%
FB
FEATURES
* LOW COST
* 4:1 WIDE INPUT RANGE
* I/O ISOLATION
* INPUT Pi FILTER
* SHORT CIRCUIT PROTECTION
* HIGH PERFORMANCE
* 2 YEARS WARRANTY
DESCRIPTION
THE FDD12 SERIES ARE 12 WATTS SINGLE & DUAL OUTPUT DC/DC CONVERTERS. 4:1 WIDE INPUT
RANGE WITH I/O ISOLATION, GOOD EFFICIENCY WITH EXCELLENT LINE / LOAD REGULATION WITH
SHORT CIRCUIT PROTECTION FEATURES. MAKE FDD12 ARE SUITABLE TO POWERING COMMERCIAL &
INDUSTRAIL TYPES OF ELECTORNIC CIRCUITS WIH VERY LOW COST. ALL FDD12 MODELS ARE ACKAGED
IN L x W x H = 2" x 2" x 0.47" BLACK COATED METAL CASE WITH NON-CONDUCTIVE PLASTIC BASE.
CONFIGURATION, AND PCB MOUNTABLE DIRECTLY.
03 : 3.3V OUT
05
: 5V OUT
12
: 12V OUT
15
: 15V OUT
WATTAGE
S : SINGLE OUTPUT
D : DUAL OUTPUT
4: 10~36V IN
5: 18~72V IN


Número de pieza similar - FDD12-05S4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chinfa Electronics Ind....
FDD12-05S4 CHINFA-FDD12-05S4 Datasheet
346Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
FDD12-05S4 CHINFA-FDD12-05S4 Datasheet
294Kb / 8P
   DC - DC CONVERTER 10 ~ 12W SINGLE & DUAL OUTPUT
More results

Descripción similar - FDD12-05S4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com