Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZM33603 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZM33603
Descripción Electrónicos  LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM33603 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZM33603 Datasheet HTML 3Page - Texas Instruments LMZM33603 Datasheet HTML 4Page - Texas Instruments LMZM33603 Datasheet HTML 5Page - Texas Instruments LMZM33603 Datasheet HTML 6Page - Texas Instruments LMZM33603 Datasheet HTML 7Page - Texas Instruments LMZM33603 Datasheet HTML 8Page - Texas Instruments LMZM33603 Datasheet HTML 9Page - Texas Instruments LMZM33603 Datasheet HTML 10Page - Texas Instruments LMZM33603 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
95
105
115
D013
Airflow
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
D009
VOUT, fSW
2.5 V, 250 kHz
3.3 V, 300 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
95
105
115
D016
Airflow
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
50
55
60
65
70
75
80
85
90
95
100
D001
VOUT, fSW
3.3 V, 300 kHz
2.5 V, 250 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
D005
VOUT, fSW
3.3 V, 300 kHz
2.5 V, 250 kHz
7
LMZM33603
www.ti.com
SNVSAO6 – SEPTEMBER 2017
Product Folder Links: LMZM33603
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics (VIN = 5 V)
The typical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
device.
Figure 1. Efficiency vs Output Current
Figure 2. Power Dissipation vs Output Current
COUT = 4 × 22 µF, 25 V, 1210 ceramic
Figure 3. Voltage Ripple vs Output Current
VOUT = 2.5 V
fSW = 250 kHz
Figure 4. Safe Operating Area
VOUT = 3.3 V
fSW = 300 kHz
Figure 5. Safe Operating Area


Número de pieza similar - LMZM33603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM33603 TI1-LMZM33603 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603RLRR TI1-LMZM33603RLRR Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
More results

Descripción similar - LMZM33603

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
TLVM13640 TI-TLVM13640 Datasheet
2Mb / 40P
[Old version datasheet]   TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
APRIL 2022
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com