Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A5401QRGRRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A5401QRGRRQ1
Descripción Electrónicos  Automotive-Grade 4-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A5401QRGRRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A5401QRGRRQ1 Datasheet HTML 1Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A5401QRGRRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TPS7A54-Q1
SBVS312 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS7A54-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum rating is VIN + 0.3 V or 7.0 V, whichever is smaller.
6 Specifications
6.1 Absolute Maximum Ratings
over junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
IN, BIAS, PG, EN
–0.3
7.0
V
OUT
–0.3
VIN + 0.3
(2)
V
NR/SS, FB
–0.3
3.6
V
Current
OUT
Internally limited
A
PG (sink current into device)
5
mA
Temperature
Operating junction, TJ
–55
150
°C
Storage, Tstg
–55
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±500
(1)
BIAS supply is required when the VIN supply is below 1.4 V. Conversely, no BIAS supply is required when the VIN supply is higher than
or equal to 1.4 V. A BIAS supply helps improve dc and ac performance for VIN ≤ 2.2 V.
(2)
The recommended output capacitors are selected to optimize PSRR for the frequency range of 400 kHz to 700 kHz. This frequency
range is a typical value for dc-dc supplies.
(3)
If BIAS is used, a 10-μF capacitor is required. If BIAS is not used, a capacitor on the BIAS pin is not needed.
(4)
The 12.1-kΩ resistor is selected to optimize PSRR and noise by matching the internal R1 value.
(5)
The upper limit for the R2 resistor is to ensure accuracy by making the current through the feedback network much larger than the
leakage current into the feedback node.
6.3 Recommended Operating Conditions
over junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage range(1)
1.1
6.5
V
VBIAS
Bias supply voltage range(1)
3.0
6.5
V
VEN
Enable voltage range
0
6.5
V
IOUT
Output current
0
4
A
CIN
Input capacitor
10
47
µF
COUT
Output capacitor(2)
47
47 || 10 || 10
µF
CBIAS
Bias capacitor (3)
10
µF
RPG
Power-good pullup resistance
10
100
CNR/SS
NR/SS capacitor
10
nF
CFF
Feed-forward capacitor
10
nF
R1
Top resistor value in feedback network for
adjustable operation
12.1(4)
R2
Bottom resistor value in feedback network for
adjustable operation(5)
160
TJ
Operating junction temperature
–40
140
°C


Número de pieza similar - TPS7A5401QRGRRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A5401RPSR TI1-TPS7A5401RPSR Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A5401RPST TI1-TPS7A5401RPST Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results

Descripción similar - TPS7A5401QRGRRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
[Old version datasheet]   2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
[Old version datasheet]   3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
[Old version datasheet]   Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1 Datasheet
377Kb / 28P
[Old version datasheet]   Automotive-Grade 3-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A53A-Q1 TI-TPS7A53A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A53A-Q1 TI-TPS7A53A-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS7A53A-Q1 3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
REVISED DECEMBER 2022
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
[Old version datasheet]   1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
[Old version datasheet]   500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com