Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22916CLYFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22916CLYFPR
Descripción Electrónicos  1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22916CLYFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22916CLYFPR Datasheet HTML 2Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 3Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 4Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 5Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 6Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 7Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 8Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 9Page - Texas Instruments TPS22916CLYFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
TPS22916
SLVSDO5A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TPS22916
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
See the Fall Time (tFALL) and Quick Output Discharge (QOD) section for information on how RL and CL affect Fall Time.
6.6 Switching Characteristics
Unless otherwise noted, the typical characteristics in the following table applies over the entire recommended power supply
voltage range of 1 V to 5.5 V at 25°C with a load of CL = 0.1µF, RL = 10Ω.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS22916B
tON
Turn On Time
VIN = 5 V
115
µs
VIN = 3.6 V
140
VIN = 1.8 V
250
VIN = 1.2 V
350
VIN = 1 V
510
tRISE
Rise Time
VIN = 5 V
70
µs
VIN = 3.6 V
80
VIN = 1.8 V
130
VIN = 1.2 V
190
VIN = 1 V
240
SRON
Slew Rate
VIN = 5 V
57
mV/µs
VIN = 3.6 V
36
VIN = 1.8 V
12
VIN = 1.2 V
5.1
VIN = 1 V
3.3
tOFF
Turn Off Time
VIN = 5 V
5
µs
VIN = 3.6 V
5
VIN = 1.8 V
10
VIN = 1.2 V
15
VIN = 1 V
25
tFALL
Fall Time
CL = 0.1 µF, RL = 10 Ω
(1)
2.3
µs
CL = 1µF, RL = Open
(1)
315


Número de pieza similar - TPS22916CLYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22916CLYFPR TI-TPS22916CLYFPR Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916CLYFPR TI-TPS22916CLYFPR Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results

Descripción similar - TPS22916CLYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com